Electronic Components Datasheet Search
  English  ▼

X  

7512 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # 7512
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7512 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button 7512 Datasheet HTML 79Page - Renesas Technology Corp 7512 Datasheet HTML 80Page - Renesas Technology Corp 7512 Datasheet HTML 81Page - Renesas Technology Corp 7512 Datasheet HTML 82Page - Renesas Technology Corp 7512 Datasheet HTML 83Page - Renesas Technology Corp 7512 Datasheet HTML 84Page - Renesas Technology Corp 7512 Datasheet HTML 85Page - Renesas Technology Corp 7512 Datasheet HTML 86Page - Renesas Technology Corp 7512 Datasheet HTML 87Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 85 / 87 page
background image
Feb 18, 2005
page 85 of 85
REJ03B0122-0101
7512 Group
PACKAGE OUTLINE
LQFP48-P-77-0.50
–
Weight(g)
–
JEDEC Code
EIAJ Package Code
Lead Material
Cu Alloy
48P6Q-A
Plastic 48pin 7✕7mm body LQFP
–
0.1
–
––
0.2
–
–
––
–
–
–
–
–
Symbol
Min
Nom
Max
A
A2
b
c
D
E
HE
L
L1
y
b2
Dimension in Millimeters
HD
A1
0.225
–
–
I2
1.0
–
–
MD
7.4
–
–
ME
7.4
8
°
0
°
0.1
1.0
0.65
0.5
0.35
9.2
9.0
8.8
9.2
9.0
8.8
0.5
7.1
7.0
6.9
7.1
7.0
6.9
0.175
0.125
0.105
0.27
0.22
0.17
1.4
0
1.7
e
e
1
48
37
24
25
36
12
13
HD
D
MD
A
F
y
I2
Recommended Mount Pad
L1
L
Detail F
Lp
Lp
0.45
–
–
0.6
0.25
–
0.75
–
0.08
x
A3
b
x
M
Recommended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com