Electronic Components Datasheet Search
  English  ▼

X  

7512 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # 7512
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7512 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button 7512 Datasheet HTML 24Page - Renesas Technology Corp 7512 Datasheet HTML 25Page - Renesas Technology Corp 7512 Datasheet HTML 26Page - Renesas Technology Corp 7512 Datasheet HTML 27Page - Renesas Technology Corp 7512 Datasheet HTML 28Page - Renesas Technology Corp 7512 Datasheet HTML 29Page - Renesas Technology Corp 7512 Datasheet HTML 30Page - Renesas Technology Corp 7512 Datasheet HTML 31Page - Renesas Technology Corp 7512 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 87 page
background image
Feb 18, 2005
page 28 of 85
REJ03B0122-0101
7512 Group
[I2C Data Shift Register (S0)] 002B16
The I2C data shift register (S0 : address 002B16) is an 8-bit shift
register to store receive data and write transmit data.
When transmit data is written into this register, it is transferred to
the outside from bit 7 in synchronization with the SCL clock, and
each time one-bit data is output, the data of this register are
shifted by one bit to the left. When data is received, it is input to
this register from bit 0 in synchronization with the SCL clock, and
each time one-bit data is input, the data of this register are shifted
by one bit to the left. The minimum 2 machine cycles are required
from the rising of the SCL clock until input to this register.
The I2C data shift register is in a write enable status only when the
I2C-BUS interface enable bit (ES0 bit : bit 3 of address 002E16) of
the I2C control register is “1”. The bit counter is reset by a write in-
struction to the I2C data shift register. When both the ES0 bit and
the MST bit of the I2C status register (address 002D16) are “1”, the
SCL is output by a write instruction to the I2C data shift register.
Reading data from the I2C data shift register is always enabled re-
gardless of the ES0 bit value.
[I2C Address Register (S0D)] 002C16
The I2C address register (address 002C16) consists of a 7-bit
slave address and a read/write bit. In the addressing mode, the
slave address written in this register is compared with the address
data to be received immediately after the START condition is de-
tected.
•Bit 0: Read/write bit (RWB)
This is not used in the 7-bit addressing mode. In the 10-bit ad-
dressing mode, the first address data to be received is compared
with the contents (SAD6 to SAD0 + RWB) of the I2C address reg-
ister.
The RWB bit is cleared to “0” automatically when the stop condi-
tion is detected.
•Bits 1 to 7: Slave address (SAD0–SAD6)
These bits store slave addresses. Regardless of the 7-bit address-
ing mode or the 10-bit addressing mode, the address data
transmitted from the master is compared with these bit's contents.
Fig. 27 Structure of I2C address register
SAD6 SAD5 SAD4 SAD3 SAD2 SAD1 SAD0 RWB
Slave address
I2C address register
(S0D: address 002C 16)
Read/write bit
b7
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com