Electronic Components Datasheet Search
  English  ▼

X  

7512 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 7512
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7512 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 7512 Datasheet HTML 11Page - Renesas Technology Corp 7512 Datasheet HTML 12Page - Renesas Technology Corp 7512 Datasheet HTML 13Page - Renesas Technology Corp 7512 Datasheet HTML 14Page - Renesas Technology Corp 7512 Datasheet HTML 15Page - Renesas Technology Corp 7512 Datasheet HTML 16Page - Renesas Technology Corp 7512 Datasheet HTML 17Page - Renesas Technology Corp 7512 Datasheet HTML 18Page - Renesas Technology Corp 7512 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 87 page
background image
Feb 18, 2005
page 15 of 85
REJ03B0122-0101
7512 Group
INTERRUPTS
Interrupts occur by 16 sources among 20 sources: seven external,
twelve internal, and one software.
Interrupt Control
Each interrupt is controlled by an interrupt request bit, an interrupt
enable bit, and the interrupt disable flag except for the software in-
terrupt set by the BRK instruction. An interrupt occurs if the
corresponding interrupt request and enable bits are “1” and the in-
terrupt disable flag is “0”.
Interrupt enable bits can be set or cleared by software.
Interrupt request bits can be cleared by software, but cannot be
set by software.
The reset and the BRK instruction cannot be disabled with any
flag or bit. The I (interrupt disable) flag disables all interrupts ex-
cept the reset and the BRK instruction interrupt.
When several interrupts occur at the same time, the interrupts are
received according to priority.
Interrupt Operation
By acceptance of an interrupt, the following operations are auto-
matically performed:
1. The contents of the program counter and the processor status
register are automatically pushed onto the stack.
2. The interrupt disable flag is set and the corresponding interrupt
request bit is cleared.
3. The interrupt jump destination address is read from the vector
table into the program counter.
sNotes
When setting the followings, the interrupt request bit may be set to
“1”.
•When switching external interrupt active edge
Related register: Interrupt edge selection register 1 (address 003A16)
I2C START/STOP condition control register
(address 003016)
Timer XY mode register (address 002316)
•When switching interrupt sources of an interrupt vector address
where two or more interrupt sources are allocated
Related register: Interrupt edge selection register 1
(address 003A16)
When not requiring for the interrupt occurrence synchronized with
these setting, take the following sequence.
(1) Set the corresponding interrupt enable bit to “0” (disabled).
(2) Set the interrupt edge select bit or the interrupt source select
bit.
(3) Set the corresponding interrupt request bit to “0” after 1 or
more instructions have been executed.
(4) Set the corresponding interrupt enable bit to “1” (enabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com