Electronic Components Datasheet Search
  English  ▼

X  

7512 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 7512
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7512 Datasheet(HTML) 1 Page - Renesas Technology Corp

  7512 Datasheet HTML 1Page - Renesas Technology Corp 7512 Datasheet HTML 2Page - Renesas Technology Corp 7512 Datasheet HTML 3Page - Renesas Technology Corp 7512 Datasheet HTML 4Page - Renesas Technology Corp 7512 Datasheet HTML 5Page - Renesas Technology Corp 7512 Datasheet HTML 6Page - Renesas Technology Corp 7512 Datasheet HTML 7Page - Renesas Technology Corp 7512 Datasheet HTML 8Page - Renesas Technology Corp 7512 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 87 page
background image
Feb 18, 2005
page 1 of 85
REJ03B0122-0101
7512 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
REJ03B0122-0101
Rev.1.01
Feb 18, 2005
DESCRIPTION
The 7512 Group is the 8-bit microcomputer based on the 740 fam-
ily core technology.
The 7512 Group is designed for battery-pack and includes serial
interface functions, 8-bit timer, A/D converter, current integrator
and I2C-BUS interface.
FEATURES
qBasic machine-language instructions ...................................... 71
qMinimum instruction execution time .................................. 1.0
µs
(at 4 MHz oscillation frequency)
qMemory size
Flash memory .................................................. 36 K to 52 Kbytes
RAM ............................................................... 1.0 K to 1.5 Kbytes
qProgrammable input/output ports ............................................ 36
qInterrupts ................................................. 19 sources, 16 vectors
qTimers ............................................................................. 8-bit ✕ 4
qSerial interface
Serial I/O1 .......... 8-bit ✕ 1 (UART or Clock-synchronized)
Serial I/O2 .......................... 8-bit ✕ 1(Clock-synchronized)
qMulti-master I2C-BUS interface (option) ...................... 1 channel
qPWM ............................................................................... 8-bit ✕ 1
qA/D converter ............................................. 10-bit ✕ 10 channels
PIN CONFIGURATION (TOP VIEW)
Fig. 1 M37512FCHP pin configuration
qCurrent integrator ......................................................... 1 channel
qOver current detector ................................................... 1 channel
qEasy thermal sensor .................................................... 1 channel
qWatchdog timer ............................................................ 16-bit ✕ 1
qClock generating circuit ..................................... Built-in 4 circuits
(high-speed RC oscillator and 32kHz RC oscillator, or connect to
external ceramic resonator or quartz-crystal oscillator)
qPower source voltage ............................................ 2.45 to 2.55 V
qPower dissipation
In high-speed mode ...................................................... 3.75 mW
(at 4 MHz oscillation frequency, at 2.5 V power source voltage)
In low-speed mode ........................................................ 1.05 mW
(at 32 kHz oscillation frequency, at 2.5 V power source voltage)
qOperating temperature range .................................... –20 to 85°C
APPLICATION
Battery-Pack, etc.
23
22
13
37
38
39
40
41
42
43
44
45
46
47
48
24
21
20
19
18
17
16
15
14
Package type : 48P6Q-A
P17/(LED7)
P12/(LED2)
P13/(LED3)
P14/(LED4)
P15/(LED5)
P16/(LED6)
VSS
XOUT
XIN
RESET
P20/XCOUT
P21/XCIN
P33/AN3
P32/AN2
ADVSS
ADVRED
VCC
AVSS
ISENS0
ISENS1
P31/AN1
P30/AN0
AVCC
DFETCNT/P45
M37512FCHP


Similar Part No. - 7512

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7512-RC BOURNS-7512-RC Datasheet
89Kb / 1P
Common Mode Inductors/EMI Filters
logo
Wiha Tools
75120 WIHA-75120 Datasheet
2Mb / 20P
PROFESSIONAL TORQUE CONTROL
logo
Presto International UK...
75121 PRESTO-75121 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
APM Hexseal Corporation...
75122 APM-75122 Datasheet
1Mb / 6P
SELF-SEALING FASTENERS
logo
Vishay Siliconix
75122E3 VISHAY-75122E3 Datasheet
136Kb / 7P
Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
14-Oct-16
More results

Similar Description - 7512

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com