Electronic Components Datasheet Search
  English  ▼

X  

7512 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 7512
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7512 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 7512 Datasheet HTML 9Page - Renesas Technology Corp 7512 Datasheet HTML 10Page - Renesas Technology Corp 7512 Datasheet HTML 11Page - Renesas Technology Corp 7512 Datasheet HTML 12Page - Renesas Technology Corp 7512 Datasheet HTML 13Page - Renesas Technology Corp 7512 Datasheet HTML 14Page - Renesas Technology Corp 7512 Datasheet HTML 15Page - Renesas Technology Corp 7512 Datasheet HTML 16Page - Renesas Technology Corp 7512 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 87 page
background image
Feb 18, 2005
page 13 of 85
REJ03B0122-0101
7512 Group
Fig. 10 Port block diagram (2)
(15) Port P25
Data bus
Serial I/O1 enable bit
Transmit enable bit
SDA/SCL pin selection bit
I2C-BUS interface enable bit
SCL input
Serial I/O1 output
SCL output
SDA/SCL pin selection bit
(12) Port P22
Data bus
SDA output
SDA input
I2C-BUS interface enable bit
Data bus
(16) Port P26
Serial I/O1 enable bit
Serial I/O1 mode selection bit
Serial I/O1 enable bit
Serial I/O1 synchronous clock
selection bit
Serial I/O1 external
clock input
Serial I/O1 clock output
(14) Port P24
SDA output
SDA input
SDA/SCL pin selection bit
I2C-BUS interface enable bit
Data bus
Serial I/O1 input
Serial I/O1 enable bit
Receive enable bit
(13) Port P23
Data bus
SDA/SCL pin selection bit
SCL output
SCL input
(11) Port P21
Data bus
Port XC switch bit
Sub-clock generating circuit input
(10) Port P20
Data bus
Port XC switch bit
Port P21
Port Xc switch bit
32kHz RC Oscillation enable bit
32kHz RC Oscillation enable bit
Reference
voltage
(9) Port P1
Data bus
Direction
register
Port latch
Direction
register
Port latch
Direction
register
Port latch
Direction
register
Port latch
Direction
register
Port latch
Direction
register
Port latch
Direction
register
Port latch
Direction
register
Port latch
I2C-BUS interface enable bit
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com