Electronic Components Datasheet Search
  English  ▼

X  

7512 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 7512
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7512 Datasheet(HTML) 4 Page - Renesas Technology Corp

  7512 Datasheet HTML 1Page - Renesas Technology Corp 7512 Datasheet HTML 2Page - Renesas Technology Corp 7512 Datasheet HTML 3Page - Renesas Technology Corp 7512 Datasheet HTML 4Page - Renesas Technology Corp 7512 Datasheet HTML 5Page - Renesas Technology Corp 7512 Datasheet HTML 6Page - Renesas Technology Corp 7512 Datasheet HTML 7Page - Renesas Technology Corp 7512 Datasheet HTML 8Page - Renesas Technology Corp 7512 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 87 page
background image
Feb 18, 2005
page 4 of 85
REJ03B0122-0101
7512 Group
GROUP EXPANSION
Renesas plans to expand the 7512 group as follows.
Memory Type
Support for flash memory version.
Memory Size
ROM size ........................................................... 36 K to 52 K bytes
RAM size .......................................................... 1024 to 1536 bytes
Packages
48P6Q-A ............................................... 48-pin plastic molded QFP
Fig. 3 Memory expansion plan
Memory Expansion Plan
48K
32K
60K
ROM size (bytes)
768
1024
1280
1536
3072
RAM size (bytes)
M37512FC
Mass production
M37512FCH
Under development
M37512F8
Mass production
M37512F8H
Under development
Currently planning products are listed below.
RAM size (bytes)
Remarks
Package
Table 2 Support products
Product name
ROM size (bytes)
M37512F8HP
M37512F8-XXXHP
M37512F8HHP
(Note 1)
M37512F8H-XXXHP
(Note 1)
M37512FCHP
M37512FC-XXXHP
M37512FCHHP
(Note 1)
M37512FCH-XXXHP
(Note 1)
48P6Q-A
32K + 4K
1024
48K + 4K
1536
Note 1. The products of which erase/write cycles onto the blocks A and B are maximum 10k are under development.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com