Electronic Components Datasheet Search
  English  ▼

X  

7512 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 7512
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7512 Datasheet(HTML) 3 Page - Renesas Technology Corp

  7512 Datasheet HTML 1Page - Renesas Technology Corp 7512 Datasheet HTML 2Page - Renesas Technology Corp 7512 Datasheet HTML 3Page - Renesas Technology Corp 7512 Datasheet HTML 4Page - Renesas Technology Corp 7512 Datasheet HTML 5Page - Renesas Technology Corp 7512 Datasheet HTML 6Page - Renesas Technology Corp 7512 Datasheet HTML 7Page - Renesas Technology Corp 7512 Datasheet HTML 8Page - Renesas Technology Corp 7512 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 87 page
background image
Feb 18, 2005
page 3 of 85
REJ03B0122-0101
7512 Group
PIN DESCRIPTION
Functions
Name
Pin
•Apply voltage of 2.5V to Vcc, and 0 V to Vss.
•Apply voltage of 2.5V to AVcc, and 0 V to AVss, ADVss.
•Reference voltage input pin for A/D converters.
•This pin controls the operation mode of the chip.
•Normally connected to VSS.
•Reset input pin for active “L”.
•Input and output pins for the clock generating circuit.
•Connect a ceramic resonator or quartz-crystal oscillator between the XIN and XOUT pins to set
the oscillation frequency.
•When a high-speed RC oscillator is used, leave the XIN pin and XOUT pin open.
•When an external clock is used, connect the clock source to the XIN pin and leave the XOUT
pin open.
•8-bit CMOS I/O port.
•I/O direction register allows each pin to be individually
programmed as either input or output.
•CMOS compatible input level.
•P00 to P07 are CMOS 3-state output structure,
and P10 to P17 are N-channel open-drain structure.
•P10 to P17 (8 bits) are enabled to output large current
for LED drive.
Power source
Table 1 Pin description
Function except a port function
Analog power
source
Analog reference
voltage
CNVSS input
Reset input
Clock input
Clock output
• Serial I/O2 function pin
I/O port P0
• A/D converter input pin /
PWM output pin
•Current integrator and over current detector input pins.
•Connect the sense resistor. Normally connect the ISENS0 to GND.
• A/D converter input pin
• A/D converter input pin /
Over current detector function pin
• Sub-clock generating circuit I/O
pins (connect a resonat or registor
and capacitor)
•8-bit CMOS I/O port.
•I/O direction register allows each pin to be individually
programmed as either input or output.
•CMOS compatible input level, but P22 to P25 can be
switched between CMOS compatible input level or
SMBUS input level in the I2C-BUS interface function.
•P20, P21, P26, P27: CMOS3-state output structure.
•P22 to P25: N-channel open-drain structure.
•6-bit CMOS I/O port with the same function as port P0.
•CMOS compatible input level.
•CMOS 3-state output structure.
•6-bit CMOS I/O port with the same function as port P0.
•CMOS compatible input level.
•P40 to P42, P45 are CMOS 3-state output structure,
and P43 and P44 are N-channel open-drain structure.
I/O port P1
I/O port P2
I/O port P3
I/O port P4
Analog input pin
VCC, VSS
AVCC
AVSS
ADVSS
ADVREF
CNVSS
RESET
XIN
XOUT
P00/SIN2
P01/SOUT2
P02/SCLK2
P03/SRDY2
P04/AN8
P05/AN9
P06/CFETCNT/
AN10
P07/AN11/
PWM1
P10–P17
P20/XCOUT
P21/XCIN
P22/SDA1
P23/SCL1
P24/SDA2/RxD
P25/SCL2/TxD
P26/SCLK
P27/CNTR0/
SRDY1
P30/AN0–
P35/AN5
P40/CNTR1
P41/INT0
P42/INT1
P43/INT2/SCMP2
P44/INT3/PWM0
P45/DFETCNT
ISENS0
ISENS1
• I2C-BUS interface function pins/
Serial I/O1 function pins
• Serial I/O1 function pin
• Serial I/O1 function pin/
Timer X function pin
• I2C-BUS interface function pins
• A/D converter input pin
• Timer Y function pin
• Interrupt input pins
• Interrupt input pin/SCMP2 output pin
• Interrupt input pin/PWM output pin
• Over current detector function pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com