Electronic Components Datasheet Search
  English  ▼

X  

7512 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # 7512
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7512 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button 7512 Datasheet HTML 79Page - Renesas Technology Corp 7512 Datasheet HTML 80Page - Renesas Technology Corp 7512 Datasheet HTML 81Page - Renesas Technology Corp 7512 Datasheet HTML 82Page - Renesas Technology Corp 7512 Datasheet HTML 83Page - Renesas Technology Corp 7512 Datasheet HTML 84Page - Renesas Technology Corp 7512 Datasheet HTML 85Page - Renesas Technology Corp 7512 Datasheet HTML 86Page - Renesas Technology Corp 7512 Datasheet HTML 87Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 83 / 87 page
background image
Feb 18, 2005
page 83 of 85
REJ03B0122-0101
7512 Group
Measurement output pin
100pF
CMOS output
Fig. 82 Circuit for measuring output switching characteristics (1)
Symbol
Parameter
Unit
MULTI-MASTER I2C-BUS BUS LINE CHARACTERISTICS
Table 34 Multi-master I2C-BUS bus line characteristics
Bus free time
Hold time for START condition
Hold time for SCL clock = “0”
Rising time of both SCL and SDA signals
Data hold time
Hold time for SCL clock = “1”
Falling time of both SCL and SDA signals
Data setup time
Setup time for repeated START condition
Setup time for STOP condition
tBUF
tHD;STA
tLOW
tR
tHD;DAT
tHIGH
tF
tSU;DAT
tSU;STA
tSU;STO
Min.
Max.
Min.
Max.
µs
µs
µs
ns
µs
µs
ns
ns
µs
µs
Standard clock mode
High-speed clock mode
Note: Cb = total capacitance of 1 bus line
Fig. 81 Timing diagram of multi-master I2C-BUS
4.7
4.0
4.7
0
4.0
250
4.7
4.0
1000
300
1.3
0.6
1.3
20+0.1Cb
(Note)
0
0.6
20+0.1Cb
(Note)
100
0.6
0.6
300
0.9
300
tBUF
tHD:STA
tHD:DAT
tLOW
tR
tF
tHIGH
tsu:DAT
tsu:STA
tHD:STA
tsu:STO
SCL
P
S
Sr
P
SDA
S : START condition
Sr : RESTART condition
P : STOP condition
Fig. 83 Circuit for measuring output switching characteristics (2)
Measurement output pin
100pF
N-channel open-drain output
1k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com