Electronic Components Datasheet Search
  English  ▼

X  

7512 Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # 7512
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7512 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button 7512 Datasheet HTML 59Page - Renesas Technology Corp 7512 Datasheet HTML 60Page - Renesas Technology Corp 7512 Datasheet HTML 61Page - Renesas Technology Corp 7512 Datasheet HTML 62Page - Renesas Technology Corp 7512 Datasheet HTML 63Page - Renesas Technology Corp 7512 Datasheet HTML 64Page - Renesas Technology Corp 7512 Datasheet HTML 65Page - Renesas Technology Corp 7512 Datasheet HTML 66Page - Renesas Technology Corp 7512 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 87 page
background image
Feb 18, 2005
page 63 of 85
REJ03B0122-0101
7512 Group
Fig. 70 Structure of flash memory control register 1
Figure 70 shows the flash memory control register 1.
Bit 0 is erase suspend enable bit, and setting this bit “1” erase
suspend mode which makes erase operation interrupt briefly dur-
ing erase operation. To set this bit to “1”, it is necessary to write “0”
and then write “1” in succession. This bit can be set to “0” by only
writing “0”.
Bit 1 is erase suspend request bit. Writing this bit “1” when the
Flash memory control register 1
(0FE116, Initial 4016)
FMCR1
Erase suspend enable bit (Note 1)
0 : Erase suspend invalid
1 : Erase suspend valid
Erase suspend request bit (Note 2)
0 : Resume erase operation (No request)
1 : Interrupt erase operation (Requested)
Not used (“0” at write)
Erase suspend flag
0 : Executing erase operation
1 : Suspending erase operation (Erase suspend mode)
Not used (“0” at write)
b7
b0
Note 1 To set this bit “1”, write “0” and then write “1” in succession. To reset
this bit “0”, only write “0”.
2 This bit is valid only when erase suspend enable bit is “1”.
erase suspend enable bit is “1”, erase operation is interrupted.
Bit 6 is erase suspend flag, and becomes “0” during erase opera-
tion.
Figure 71 shows flash memory control register 2.
Bit 1 is EW1 mode select bit. Setting this bit “1”, EW1 mode be-
comes available.
Bit 4 is All user block E/W enable bit.
Fig. 71 Structure of flash memory control register 2
Table. 15 Specification of E/W protect
All user block
E/W enable bit
0
0
1
1
8KB user block
E/W enable bit
0
1
0
1
8 KBX2 block
Addresses C00016 to FFFF16
Protect
Protect
Protect
Enable
16 KBX2 block
Addresses 400016 to BFFF16
Protect
Protect
Enable
Enable
Data block
Addresses 100016 to 1FFF16
Enable
Enable
Enable
Enable
Flash memory control register 2
(0FE216, Initial 4516)
FMCR2
Reserved (returns unknown when read)
EW1 mode select bit (Note 1, 3)
0 : E/W0 mode
1 : E/W1 mode
Reserved (returns unknown when read)
All user block E/W enable bit (Note 1, 2)
0 : E/W prohibit
1 : E/W enable
Reserved (“0” at write, returns “0” at read)
Not used (Indefinite at read)
Not used (returns “0” at read)
b7
b0
Note 1 To set this bit “1”, it is necessary to write “0” and then write “1” in
succession. This bit can be set to “0” by only writing “0”.
Note 2 This bit can be written only CPU rewrite mode selection bit “1”.
Note 3 Setting this bit “1” must be done at CPU rewrite mode select bit is “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com