Electronic Components Datasheet Search
  English  ▼

X  

7512 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # 7512
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7512 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button 7512 Datasheet HTML 60Page - Renesas Technology Corp 7512 Datasheet HTML 61Page - Renesas Technology Corp 7512 Datasheet HTML 62Page - Renesas Technology Corp 7512 Datasheet HTML 63Page - Renesas Technology Corp 7512 Datasheet HTML 64Page - Renesas Technology Corp 7512 Datasheet HTML 65Page - Renesas Technology Corp 7512 Datasheet HTML 66Page - Renesas Technology Corp 7512 Datasheet HTML 67Page - Renesas Technology Corp 7512 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 87 page
background image
Feb 18, 2005
page 64 of 85
REJ03B0122-0101
7512 Group
Fig. 72 CPU rewrite mode set/release flowchart
Figure 72 shows a flowchart for setting/releasing CPU rewrite
mode.
Notes 1: Set bits 6, 7 (main clock division ratio selection bits) at CPU mode register (003B16).
2: Before exiting the CPU rewrite mode after completing erase or program operation,
always be sure to execute the read array command.
End
Start
Execute read array command (Note 2)
Single-chip mode or Boot mode
Set CPU mode register (Note 1)
Using software command execute erase,
program, or other operation
Jump to control program transferred in RAM
(Subsequent operations are executed by control
program in this RAM)
Transfer CPU rewrite mode control program
to RAM
Write “0” to CPU rewrite mode select bit
Set CPU rewrite mode select bit to “1”
(by writing “0” and then “1” in succession)
Check CPU rewrite mode entry flag
E/W0 mode
Set All user block E/W enable bit “1”
(by writing “0” and then “1” in succession)
Set 8KB user block E/W enable bit
(writing “0” in case of E/W prohibit, writing “0” and
then “1” in succession, in case of E/W enable)
Set All user block E/W enable bit = “0”
Set 8KB user block E/W enable bit = “0”
End
Start
Execute read array command (Note 2)
Single-chip mode or Boot mode
Set CPU mode register (Note 1)
Using software command execute erase
program, or other operation
Set CPU rewrite mode select bit to “1”
(by writing “0” and then “1” in succession)
Write “0” to CPU rewrite mode select bit
Set E/W1 mode select bit = “1”
(by writing “0” and then “1” in succession)
Check CPU rewrite mode entry flag
E/W1 mode
Set All user block E/W enable bit = “0”
Set 8KB user block E/W enable bit = “0”
Set All user block E/W enable bit “1”
(by writing “0” and then “1” in succession)
Set 8KB user block E/W enable bit
(writing “0” in case of E/W prohibit, writing “0” and
then “1” in succession, in case of E/W enable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com