Electronic Components Datasheet Search
  English  ▼

X  

7512 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # 7512
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7512 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button 7512 Datasheet HTML 10Page - Renesas Technology Corp 7512 Datasheet HTML 11Page - Renesas Technology Corp 7512 Datasheet HTML 12Page - Renesas Technology Corp 7512 Datasheet HTML 13Page - Renesas Technology Corp 7512 Datasheet HTML 14Page - Renesas Technology Corp 7512 Datasheet HTML 15Page - Renesas Technology Corp 7512 Datasheet HTML 16Page - Renesas Technology Corp 7512 Datasheet HTML 17Page - Renesas Technology Corp 7512 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 87 page
background image
Feb 18, 2005
page 14 of 85
REJ03B0122-0101
7512 Group
Fig. 11 Port block diagram (3)
(22) Port P45
Data bus
Discharge FET control polarity
switch bit
DFETCNT output
INT2 input
DFETCNT-INT2
OR output enable bit
1
0
(21) Port P44
(20) Port P43
Data bus
Serial I/O2 input/output
comparison signal control bit
Serial I/O2 input/output
comparison signal output
INT2 interrupt input
(19) Ports P41, P42
Data bus
Interrupt input
(18) Port P40
Data bus
CNTR1 interrupt input
Pulse output mode
Timer output
(17) Port P27
Data bus
CNTR0 interrupt
input
Pulse output mode
Timer output
Serial I/O1 ready output
Pulse output mode
Serial I/O1 enable bit
Serial I/O1 mode selection bit
SRDY1 output enable bit
Direction
register
Port latch
Direction
register
Port latch
Direction
register
Port latch
Direction
register
Port latch
Direction
register
Port latch
PWM function enable bit
PWM output
Data bus
INT3 interrupt input
Direction
register
Port latch
PWM output pin selection bit
Short current detect enable bit
Over current detect enable bit
Wake up current detect enable bit
Charge over current detect enable bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com