Electronic Components Datasheet Search
  English  ▼

X  

7512 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # 7512
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7512 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button 7512 Datasheet HTML 55Page - Renesas Technology Corp 7512 Datasheet HTML 56Page - Renesas Technology Corp 7512 Datasheet HTML 57Page - Renesas Technology Corp 7512 Datasheet HTML 58Page - Renesas Technology Corp 7512 Datasheet HTML 59Page - Renesas Technology Corp 7512 Datasheet HTML 60Page - Renesas Technology Corp 7512 Datasheet HTML 61Page - Renesas Technology Corp 7512 Datasheet HTML 62Page - Renesas Technology Corp 7512 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 87 page
background image
Feb 18, 2005
page 59 of 85
REJ03B0122-0101
7512 Group
Table 13 Summary of the 7512 Group (flash memory version)
FLASH MEMORY MODE
The 7512 Group (flash memory version) has flash memory that
can be rewritten with a single power source.
For this flash memory, two flash memory modes are available in
which to read, program, and erase: the parallel I/O mode in which
the flash memory can be manipulated using a programmer and
the CPU rewrite mode in which the flash memory can be manipu-
lated by the Central Processing Unit (CPU).
Summary
Table 13 lists the summary of the 7512 Group (flash memory ver-
sion).
The flash memory of the 7512 Group is divided into 4 blocks of
User ROM area and Boot ROM area as shown in Figure 68.
In addition to the ordinary User ROM area to store the MCU op-
eration control program, the flash memory has a Boot ROM area
that is used to store a control program in a Boot mode. The user
can write a rewrite control program in this Boot ROM area that
suits the user’s application system. This Boot ROM area can be
rewritten in only parallel I/O mode.
Item
Power source voltage
Program / Erase voltage
Flash memory mode
Erase block division User ROM area
Boot ROM area
Program method
Erase method
Program/Erase control method
Number of commands
Number of program/ Block 0 to Block 3
Erase times
Block A, Block B
ROM code protection
Specifications
Vcc = 2.5V±2%
Vcc = 2.5V±2%
2 modes (Parallel I/O mode, CPU rewrite mode)
Refer to the Figure 68
1 block (4K bytes) (Note 1)
Byte program
Batch erasing
Program/Erase control by software command
5 commands
100 times
1K times
Available in parallel I/O mode
Note 1: This Boot ROM area can be rewritten in only parallel I/O mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com