Electronic Components Datasheet Search
  English  ▼

X  

7512 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # 7512
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7512 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button 7512 Datasheet HTML 45Page - Renesas Technology Corp 7512 Datasheet HTML 46Page - Renesas Technology Corp 7512 Datasheet HTML 47Page - Renesas Technology Corp 7512 Datasheet HTML 48Page - Renesas Technology Corp 7512 Datasheet HTML 49Page - Renesas Technology Corp 7512 Datasheet HTML 50Page - Renesas Technology Corp 7512 Datasheet HTML 51Page - Renesas Technology Corp 7512 Datasheet HTML 52Page - Renesas Technology Corp 7512 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 87 page
background image
Feb 18, 2005
page 49 of 85
REJ03B0122-0101
7512 Group
Fig. 53 Over current detector registers (2)
b7
Wake up current detect control register 2 (001416)
Reserved (Do not write "1"to this bit)
Wake up calibration enable bit
0
: Disable
1
: Enable
Reserved (Do not write "1"to this bit)
Not used (returns "0" when read)
b0
Note : All bits are protected.
b7
Wake up current detect control register 1 (001216)
Wake up current detect compare voltage select bit
Wake up current detect interrupt enable bit
0
: Disable
1
: Enable
Wake up current detect enable bit
0
: Disable
1
: Enable
b0
b5
b4
b3
b2
b1
b0
0
0
X
X
X
X
Setting disabled
01000
0
1.04
01000
1
1.05
01001
0
1.06
01001
1
1.07
0.01n+0.88
11110
0
1.48
11110
1
1.49
11111
0
1.50
11111
1
1.51
Wake up current detect
compare voltage select bit n
compare voltage
(V)
Note : All bits are protected.
Wake up current detect flag
0 : Not detected
1: Detected
Discharge over current detect flag
0 : Not detected
1: Detected
Discharge over current detect flag
0 : Not detected
1: Detected
Charge over current detect flag
0 : Not detected
1: Detected
Wake up current detect restart bit
0 : Invalid
1 : Restart
Discharge over current detect restart bit
0 : Invalid
1 : Restart
Discharge short current detect restart bit
0 : Invalid
1 : Restart
Charge over current detect restart bit
0 : Invalid
1 : Restart
b7
Over current detect status register(001316)
b0
Note : All bits are protected.
b7
Charge over current detect control register (0FF016)
Charge over current detect voltage select bit
0000
: 0.025V
1000
: 0.065V
0001
: 0.030V
1001
: 0.070V
0010
: 0.035V
1010
: 0.075V
0011
: 0.040V
1011
: 0.080V
0100
: 0.045V
1100
: 0.085V
0101
: 0.050V
1101
: 0.090V
0110
: 0.055V
1110
: 0.095V
0111
: 0.060V
1111
: 0.100V
Charge over current detect interrupt enable bit
0 : Disable
1 : Enable
Charge FET control polarity switch bit
0 : Active "L" output
1 : Active "H" output
Charge FET control enable bit
0 : FET control disable
1 : FET control enable
Charge over current detect enable bit
0 : Disable
1 : Enable
b0
Note : All bits are protected.
The SFR protect bit control bit is in MISRG register
(address 003816).
b7
Current detect time set up register 2 (0FF116)
Charge over current detect time set up bit
0000
: 1.0ms
1000
: 17.0ms
0001
: 3.0ms
1001
: 19.0ms
0010
: 5.0ms
1010
: 21.0ms
0011
: 7.0ms
1011
: 23.0ms
0100
: 9.0ms
1100
: 25.0ms
0101
: 11.0ms
1101
: 27.0ms
0110
: 13.0ms
1110
: 29.0ms
0111
: 15.0ms
1111
: 31.0ms
DFETCNT-INT2 OR output enable bit
0 : Disable
1 : Enable
INT2 polarity switch bit
0 : invert
1 : not invert
CFETCNT-INT3 OR output enable bit
0 : Disable
1 : Enable
INT3 polarity switch bit
0 : invert
1 : not invert
b0
Note : All bits are protected.
The SFR protect bit control bit is in MISRG register
(address 003816).
Not used (returns "0" when read)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com