Electronic Components Datasheet Search
  English  ▼

X  

SH7136 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # SH7136
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7136 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button SH7136 Datasheet HTML 36Page - Renesas Technology Corp SH7136 Datasheet HTML 37Page - Renesas Technology Corp SH7136 Datasheet HTML 38Page - Renesas Technology Corp SH7136 Datasheet HTML 39Page - Renesas Technology Corp SH7136 Datasheet HTML 40Page - Renesas Technology Corp SH7136 Datasheet HTML 41Page - Renesas Technology Corp SH7136 Datasheet HTML 42Page - Renesas Technology Corp SH7136 Datasheet HTML 43Page - Renesas Technology Corp SH7136 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 1160 page
background image
Section 1 Overview
Rev. 2.00 Sep. 10, 2008 Page 14 of 1130
REJ09B0402-0200
Classification
Symbol
I/O
Name
Function
TXD2 to
TXD0
O
Transmit data
Transmit data output pins
RXD2 to
RXD0
I
Receive data
Receive data input pins
Serial
communication
interface (SCI)
SCK2 to
SCK0
I/O
Serial clock
Clock input/output pins
SSO
I/O
Data
Data input/output pin
SSI
I/O
Data
Data input/output pin
SSCK
I/O
Clock
Clock input/output pin
Synchronous serial
communication unit
(SSU)
SCS
I/O
Chip select
Chip select input/output pin
CTx0
O
Transmit data
Transmit data pin for CAN bus
Controller area
network (RCAN-ET)
CRx0
I
Receive data
Receive data pin for CAN bus
SCL
I/O
I
2C clock
input/output
I
2C bus clock input/output pin
I
2C bus interface 2
(I
2C2)
SDA
I/O
I
2C data
input/output
I
2C bus data input/output pin
AN15 to AN0 I
Analog input pins Analog input pins (AN15 to AN8,
AN3 to AN0 for the SH7136)
ADTRG
I
A/D conversion
trigger input
External trigger input pin for starting
A/D conversion
AVcc
I
Analog power
supply
Power supply pin for the A/D
converter
Connect it to the system power
supply (Vcc) when the A/D converter
is not used.
Connect all AVcc pins to the system
power supply (Vcc) The A/D
converter does not work if any pin is
open.
A/D converter
(ADC)
AVss
I
Analog ground
Ground pin for the A/D converter
Connect it to the system ground
(0 V).
Connect all AVss pins to the system
ground (0 V) correctly. The A/D
converter does not work if any pin is
open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com