Electronic Components Datasheet Search
  English  ▼

X  

SH7136 Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # SH7136
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7136 Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button SH7136 Datasheet HTML 92Page - Renesas Technology Corp SH7136 Datasheet HTML 93Page - Renesas Technology Corp SH7136 Datasheet HTML 94Page - Renesas Technology Corp SH7136 Datasheet HTML 95Page - Renesas Technology Corp SH7136 Datasheet HTML 96Page - Renesas Technology Corp SH7136 Datasheet HTML 97Page - Renesas Technology Corp SH7136 Datasheet HTML 98Page - Renesas Technology Corp SH7136 Datasheet HTML 99Page - Renesas Technology Corp SH7136 Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 1160 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 2.00 Sep. 10, 2008 Page 70 of 1130
REJ09B0402-0200
4.6
Oscillator
Clock pulses can be supplied from a connected crystal resonator or an external clock.
4.6.1
Connecting Crystal Resonator
A crystal resonator can be connected as shown in figure 4.2. Use the damping resistance (Rd)
listed in table 4.6. Use a crystal resonator that has a resonance frequency of 5 to 12.5 MHz. It is
recommended to consult the crystal resonator manufacturer concerning the compatibility of the
crystal resonator and the LSI.
EXTAL
XTAL
Rd
CL2
CL1
CL1 = CL2 = 18 to 22 pF (Reference values)
Figure 4.2 Connection of Crystal Resonator (Example)
Table 4.6
Damping Resistance Values (Reference Values)
Frequency (MHz)
5
8
10
12.5
Rd (
Ω) (Reference values)
500
200
0
0
Figure 4.3 shows an equivalent circuit of the crystal resonator. Use a crystal resonator with the
characteristics listed in table 4.7.
XTAL
CL
EXTAL
C0
L
Rs
Figure 4.3 Crystal Resonator Equivalent Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com