Electronic Components Datasheet Search
  English  ▼

X  

SH7136 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # SH7136
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7136 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button SH7136 Datasheet HTML 87Page - Renesas Technology Corp SH7136 Datasheet HTML 88Page - Renesas Technology Corp SH7136 Datasheet HTML 89Page - Renesas Technology Corp SH7136 Datasheet HTML 90Page - Renesas Technology Corp SH7136 Datasheet HTML 91Page - Renesas Technology Corp SH7136 Datasheet HTML 92Page - Renesas Technology Corp SH7136 Datasheet HTML 93Page - Renesas Technology Corp SH7136 Datasheet HTML 94Page - Renesas Technology Corp SH7136 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 1160 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 2.00 Sep. 10, 2008 Page 65 of 1130
REJ09B0402-0200
4.4
Register Descriptions
The CPG has the following registers.
For details on the addresses of these registers and the states of these registers in each processing
state, see section 25, List of Registers.
Table 4.5
Register Configuration
Register Name
Abbrevia-
tion
R/W
Initial Value
Address
Access Size
Frequency control register
FRQCR
R/W
H'36DB
H'FFFFE800
16
Oscillation stop detection
control register
OSCCR
R/W
H'00
H'FFFFE814
8
4.4.1
Frequency Control Register (FRQCR)
FRQCR is a 16-bit readable/writable register that specifies the frequency division ratios for the
internal clock (I
φ), bus clock (Bφ), peripheral clock (Pφ), MTU2S clock (MIφ), and MTU2 clock
(MP
φ). FRQCR can be accessed only in words.
FRQCR is initialized to H'36DB only by a power-on reset (except a power-on reset due to a WDT
overflow).
Bit:
Initial value:
R/W:
15
14
13
12
11
10
987654321
0
0011011011011011
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
-
IFC[2:0]
BFC[2:0]
PFC[2:0]
MIFC[2:0]
MPFC[2:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com