Electronic Components Datasheet Search
  English  ▼

X  

SH7136 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # SH7136
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7136 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button SH7136 Datasheet HTML 44Page - Renesas Technology Corp SH7136 Datasheet HTML 45Page - Renesas Technology Corp SH7136 Datasheet HTML 46Page - Renesas Technology Corp SH7136 Datasheet HTML 47Page - Renesas Technology Corp SH7136 Datasheet HTML 48Page - Renesas Technology Corp SH7136 Datasheet HTML 49Page - Renesas Technology Corp SH7136 Datasheet HTML 50Page - Renesas Technology Corp SH7136 Datasheet HTML 51Page - Renesas Technology Corp SH7136 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 1160 page
background image
Section 2 CPU
Rev. 2.00 Sep. 10, 2008 Page 22 of 1130
REJ09B0402-0200
2.3
Data Formats
2.3.1
Register Data Format
The size of register operands is always longwords (32 bits). When loading byte (8 bits) or word
(16 bits) data in memory into a register, the data is sign-extended to longword and stored in the
register.
Longword
31
0
Figure 2.2 Register Data Format
2.3.2
Memory Data Formats
Memory data formats are classified into bytes, words, and longwords. Byte data can be accessed
from any address. Locate, however, word data at an address 2n, longword data at 4n. Otherwise,
an address error will occur if an attempt is made to access word data starting from an address other
than 2n or longword data starting from an address other than 4n. In such cases, the data accessed
cannot be guaranteed. The hardware stack area, pointed by the hardware stack pointer (SP, R15),
uses only longword data starting from address 4n because this area holds the program counter and
status register.
Byte
Byte
Byte
Byte
Word
Word
Longword
31
23
15
7
Address m + 1
Address 2n
Address 4n
Address m
Address m + 3
Address m + 2
0
Figure 2.3 Memory Data Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com