Electronic Components Datasheet Search
  English  ▼

X  

SH7136 Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # SH7136
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7136 Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button SH7136 Datasheet HTML 91Page - Renesas Technology Corp SH7136 Datasheet HTML 92Page - Renesas Technology Corp SH7136 Datasheet HTML 93Page - Renesas Technology Corp SH7136 Datasheet HTML 94Page - Renesas Technology Corp SH7136 Datasheet HTML 95Page - Renesas Technology Corp SH7136 Datasheet HTML 96Page - Renesas Technology Corp SH7136 Datasheet HTML 97Page - Renesas Technology Corp SH7136 Datasheet HTML 98Page - Renesas Technology Corp SH7136 Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 1160 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 2.00 Sep. 10, 2008 Page 69 of 1130
REJ09B0402-0200
4.5
Changing Frequency
Selecting division ratios for the frequency divider can change the frequencies of the internal clock
(I
φ), bus clock (Bφ), peripheral clock (Pφ), MTU2S clock (MIφ), and MTU2 clock (MPφ). This is
controlled by software through the frequency control register (FRQCR). The following describes
how to specify the frequencies.
1. In the initial state, IFC2 to IFC0 = H'011 (
×1/4), BFC2 to BFC0 = H'011 (×1/4), PFC2 to
PFC0 = H'011 (
×1/4), MIFC2 to MIFC0 = H'011 (×1/4), and MPFC2 to MPFC0 = H'011
(
×1/4).
2. Stop all modules except the CPU, on-chip ROM, and on-chip RAM.
3. Set the desired values in bits IFC2 to IFC0, BFC2 to BFC0, PFC2 to PFC0, MIFC2 to MIFC0,
and MPFC2 to MPFC0 bits. Since the frequency multiplication ratio in the PLL circuit is fixed
at
×8, the frequencies are determined only be selecting division ratios. When specifying the
frequencies, satisfy the following condition: internal clock (I
φ) ≥ bus clock (Bφ) ≥ peripheral
clock (P
φ). When using the MTU2S clock and MTU2 clock, specify the frequencies to satisfy
the following condition: internal clock (I
φ) ≥ MTU2S clock (MIφ) ≥ MTU2 clock (MPφ) ≥
peripheral clock (P
φ) and bus clock (Bφ) ≥ MTU2 clock (MPφ). Code to rewrite values of
FRQCR should be executed in the on-chip ROM or on-chip RAM.
4. After an instruction to rewrite FRQCR has been issued, the actual clock frequencies will
change after (1 to 24n) cyc + 11B
φ + 7Pφ.
n: Division ratio specified by the BFC bit in FRQCR (1, 1/2, 1/3, 1/4, or 1/8)
cyc: Clock obtained by dividing EXTAL by 8 with the PLL.
Note:
(1 to 24n) depends on the internal state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com