Electronic Components Datasheet Search
  English  ▼

X  

SH7136 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # SH7136
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7136 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button SH7136 Datasheet HTML 49Page - Renesas Technology Corp SH7136 Datasheet HTML 50Page - Renesas Technology Corp SH7136 Datasheet HTML 51Page - Renesas Technology Corp SH7136 Datasheet HTML 52Page - Renesas Technology Corp SH7136 Datasheet HTML 53Page - Renesas Technology Corp SH7136 Datasheet HTML 54Page - Renesas Technology Corp SH7136 Datasheet HTML 55Page - Renesas Technology Corp SH7136 Datasheet HTML 56Page - Renesas Technology Corp SH7136 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 1160 page
background image
Section 2 CPU
Rev. 2.00 Sep. 10, 2008 Page 27 of 1130
REJ09B0402-0200
Addressing
Mode
Instruction
Format
Effective Address Calculation Method
Calculation
Formula
Register
indirect with
displacement
@(disp:4,
Rn)
Effective address is register Rn contents with
4-bit displacement disp added. After disp is
zero-extended, it is multiplied by 1 (byte), 2
(word), or 4 (longword), according to the
operand size.
1/2/4
×
disp
(zero-extended)
Rn
+ disp
× 1/2/4
+
Rn
Byte: Rn + disp
Word: Rn + disp
× 2
Longword: Rn +
disp
× 4
Index
register indirect
@(R0, Rn) Effective address is sum of register Rn and R0
contents.
+
Rn
R0
Rn
+ R0
Rn + R0
GBR indirect
with
displacement
@(disp:8,
GBR)
Effective address is register GBR contents with
8-bit displacement disp added. After disp is
zero-extended, it is multiplied by 1 (byte), 2
(word), or 4 (longword), according to the
operand size.
GBR
1/2/4
disp
(zero-extended)
GBR
+ disp
× 1/2/4
×
+
Byte: GBR + disp
Word: GBR + disp
× 2
Longword: GBR +
disp
× 4
Index GBR
indirect
@(R0,
GBR)
Effective address is sum of register GBR and
R0 contents.
GBR
GBR
+ R0
R0
+
GBR + R0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com