Electronic Components Datasheet Search
  English  ▼

X  

SH7136 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # SH7136
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7136 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button SH7136 Datasheet HTML 67Page - Renesas Technology Corp SH7136 Datasheet HTML 68Page - Renesas Technology Corp SH7136 Datasheet HTML 69Page - Renesas Technology Corp SH7136 Datasheet HTML 70Page - Renesas Technology Corp SH7136 Datasheet HTML 71Page - Renesas Technology Corp SH7136 Datasheet HTML 72Page - Renesas Technology Corp SH7136 Datasheet HTML 73Page - Renesas Technology Corp SH7136 Datasheet HTML 74Page - Renesas Technology Corp SH7136 Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 1160 page
background image
Section 2 CPU
Rev. 2.00 Sep. 10, 2008 Page 45 of 1130
REJ09B0402-0200
Instruction
Operation
Code
Execution
Cycles
T Bit
STS
MACH,Rn
MACH
→ Rn
0000nnnn00001010
1
STS
MACL,Rn
MACL
→ Rn
0000nnnn00011010
1
STS
PR,Rn
PR
→ Rn
0000nnnn00101010
1
STS.L MACH,@
–Rn
Rn–4
→ Rn, MACH → (Rn) 0100nnnn00000010
1
STS.L MACL,@
–Rn
Rn–4
→ Rn, MACL → (Rn) 0100nnnn00010010
1
STS.L PR,@
–Rn
Rn–4
→ Rn, PR → (Rn)
0100nnnn00100010
1
TRAPA #imm
PC
/SR → Stack area,
(imm
× 4 + VBR) → PC
11000011iiiiiiii
8
Note:
*
Number of execution cycles until this LSI enters sleep mode.
About the number of execution cycles:
The table lists the minimum number of execution cycles. In practice, the number of
execution cycles will be increased depending on the conditions such as:
• When there is a conflict between instruction fetch and data access
• When the destination register of a load instruction (memory → register) is also used
by the instruction immediately after the load instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com