Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 106Page - Renesas Technology Corp R8C/18 Datasheet HTML 107Page - Renesas Technology Corp R8C/18 Datasheet HTML 108Page - Renesas Technology Corp R8C/18 Datasheet HTML 109Page - Renesas Technology Corp R8C/18 Datasheet HTML 110Page - Renesas Technology Corp R8C/18 Datasheet HTML 111Page - Renesas Technology Corp R8C/18 Datasheet HTML 112Page - Renesas Technology Corp R8C/18 Datasheet HTML 113Page - Renesas Technology Corp R8C/18 Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 257 page
background image
R8C/18 Group, R8C/19 Group
12. Interrupts
Rev.1.30
Apr 14, 2006
Page 95 of 233
REJ09B0222-0130
12.5.5
Changing Interrupt Sources
The IR bit in the interrupt control register may be set to 1 (interrupt requested) when the interrupt
source changes. When using an interrupt, set the IR bit to 0 (no interrupt requested) after changing
the interrupt source.
In addition, changes of interrupt sources include all factors that change the interrupt sources
assigned to individual software interrupt numbers, polarities, and timing. Therefore, if a mode change
of a peripheral function involves interrupt sources, edge polarities, and timing, set the IR bit to 0 (no
interrupt requested) after the change. Refer to the individual peripheral function for its related
interrupts.
Figure 12.20 shows an Example of Procedure for Changing Interrupt Sources.
Figure 12.20
Example of Procedure for Changing Interrupt Sources
NOTES:
1. Execute the above settings individually. Do not execute
two or more settings at once (by one instruction).
2. Use the I flag for the INTi (i = 0 to 3) interrupts.
To prevent interrupt requests from being generated when
using peripheral function interrupts other than the INTi
interrupt, disable the peripheral function before changing
the interrupt source. In this case, use the I flag if all
maskable interrupts can be disabled. If all maskable
interrupts cannot be disabled, use bits ILVL0 to ILVL2 of
the interrupt whose source is changed.
3. Refer to 12.5.6 Changing Interrupt Control Register
Contents for the instructions to be used and usage notes.
Interrupt source change
Disable interrupts(2, 3)
Set the IR bit to 0 (interrupt not requested) using
the MOV instruction(3)
Change interrupt source (including mode
of peripheral function)
Enable interrupts(2, 3)
Change completed
IR bit:
The interrupt control register bit of an
interrupt whose source is changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com