Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 107 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 103Page - Renesas Technology Corp R8C/18 Datasheet HTML 104Page - Renesas Technology Corp R8C/18 Datasheet HTML 105Page - Renesas Technology Corp R8C/18 Datasheet HTML 106Page - Renesas Technology Corp R8C/18 Datasheet HTML 107Page - Renesas Technology Corp R8C/18 Datasheet HTML 108Page - Renesas Technology Corp R8C/18 Datasheet HTML 109Page - Renesas Technology Corp R8C/18 Datasheet HTML 110Page - Renesas Technology Corp R8C/18 Datasheet HTML 111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 257 page
background image
R8C/18 Group, R8C/19 Group
12. Interrupts
Rev.1.30
Apr 14, 2006
Page 92 of 233
REJ09B0222-0130
12.4
Address Match Interrupt
An address match interrupt request is generated immediately before execution of the instruction at the
address indicated by the RMADi register (i = 0, 1). This interrupt is used as a break function by the
debugger. When using the on-chip debugger, do not set an address match interrupt (registers of AIER,
RMAD0, and RMAD1 and fixed vector tables) in a user system.
Set the starting address of any instruction in the RMADi register. Bits AIER0 and AIER1 in the AIER0
register can be used to select enable or disable of the interrupt. The I flag and IPL do not affect the
address match interrupt.
The value of the PC (Refer to 12.1.6.7 Saving a Register for the value of the PC) which is saved to the
stack when an address match interrupt is acknowledged varies depending on the instruction at the
address indicated by the RMADi register. (The appropriate return address is not saved on the stack.)
When returning from the address match interrupt, return by one of the following means:
• Change the content of the stack and use the REIT instruction.
• Use an instruction such as POP to restore the stack as it was before the interrupt request was
acknowledged. Then use a jump instruction.
Table 12.6 lists the Values of PC Saved to Stack when Address Match Interrupt is Acknowledged.
Figure 12.19 shows Registers AIER and RMAD0 to RMAD1.
NOTE:
1. Refer to the 12.1.6.7 Saving a Register for the PC value saved.
Table 12.6
Values of PC Saved to Stack when Address Match Interrupt is Acknowledged
Address Indicated by RMADi Register (i = 0, 1)
PC Value Saved(1)
• 16-bit operation code instruction
• Instruction shown below among 8-bit operation code instructions
ADD.B:S
#IMM8,dest
SUB.B:S
#IMM8,dest
AND.B:S
#IMM8,dest
OR.B:S
#IMM8,dest
MOV.B:S
#IMM8,dest
STZ.B:S
#IMM8,dest
STNZ.B:S
#IMM8,dest
STZX.B:S #IMM81,#IMM82,dest
CMP.B:S
#IMM8,dest
PUSHM
src
POPM
dest
JMPS
#IMM8
JSRS
#IMM8
MOV.B:S
#IMM,dest (however, dest = A0 or A1)
Address indicated by
RMADi register + 2
• Instructions other than the above
Address indicated by
RMADi register + 1
Table 12.7
Correspondence Between Address Match Interrupt Sources and Associated Registers
Address Match Interrupt Source Address Match Interrupt Enable Bit Address Match Interrupt Register
Address match interrupt 0
AIER0
RMAD0
Address match interrupt 1
AIER1
RMAD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com