Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 105 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 105 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 101Page - Renesas Technology Corp R8C/18 Datasheet HTML 102Page - Renesas Technology Corp R8C/18 Datasheet HTML 103Page - Renesas Technology Corp R8C/18 Datasheet HTML 104Page - Renesas Technology Corp R8C/18 Datasheet HTML 105Page - Renesas Technology Corp R8C/18 Datasheet HTML 106Page - Renesas Technology Corp R8C/18 Datasheet HTML 107Page - Renesas Technology Corp R8C/18 Datasheet HTML 108Page - Renesas Technology Corp R8C/18 Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 257 page
background image
R8C/18 Group, R8C/19 Group
12. Interrupts
Rev.1.30
Apr 14, 2006
Page 90 of 233
REJ09B0222-0130
12.3
Key Input Interrupt
A key input interrupt request is generated by one of the input edges of pins K10 to K13. The key input
interrupt can be used as a key-on wake-up function to exit wait or stop mode.
The KIiEN (i = 0 to 3) bit in the KIEN register can select whether or not the pins are used as KIi input.
The KIiPL bit in the KIEN register can select the input polarity.
When “L” is input to the KIi pin, which sets the KIiPL bit to 0 (falling edge), input to the other pins K10 to
K13 is not detected as interrupts. Also, when “H” is input to the KIi pin, which sets the KIiPL bit to 1
(rising edge), input to the other pins K10 to K13 is not detected as interrupts.
Figure 12.17 shows a Block Diagram of Key Input Interrupt.
Figure 12.17
Block Diagram of Key Input Interrupt
Interrupt control
circuit
KI3
Pull-up
transistor
KI2
Pull-up
transistor
KI3PL = 0
KI3PL = 1
PD1_3 bit
KI3EN bit
PU02 bit in PUR0 register
PD1_3 bit in PD1 register
KUPIC register
Key input interrupt
request
KI2PL = 0
KI2PL = 1
PD1_2 bit
KI2EN bit
KI1
Pull-up
transistor
KI1PL = 0
KI1PL = 1
PD1_1 bit
KI1EN bit
KI0
Pull-up
transistor
KI0PL = 0
KI0PL = 1
PD1_0 bit
KI0EN bit
KI0EN, KI1EN, KI2EN, KI3EN,
KI0PL, KI1PL, KI2PL, KI3PL: Bits in KIEN register
PD1_0, PD1_1, PD1_2, PD1_3: Bits in PD1 register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com