Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 100Page - Renesas Technology Corp R8C/18 Datasheet HTML 101Page - Renesas Technology Corp R8C/18 Datasheet HTML 102Page - Renesas Technology Corp R8C/18 Datasheet HTML 103Page - Renesas Technology Corp R8C/18 Datasheet HTML 104Page - Renesas Technology Corp R8C/18 Datasheet HTML 105Page - Renesas Technology Corp R8C/18 Datasheet HTML 106Page - Renesas Technology Corp R8C/18 Datasheet HTML 107Page - Renesas Technology Corp R8C/18 Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 257 page
background image
R8C/18 Group, R8C/19 Group
12. Interrupts
Rev.1.30
Apr 14, 2006
Page 89 of 233
REJ09B0222-0130
Figure 12.16
TCC1 Register
Timer C Control Register 1
Symbol
Address
After Reset
TCC1
009Bh
00h
Bit Symbol
Bit Name
Function
RW
INT3
_____
filter select bits(1)
NOTES:
1.
2.
3. When the TCC13 bit is set to 0 (input capture mode), set bits TCC12 and TCC14 to TCC17 to 0.
TCC12
b0
Timer C counter reload select
bit(2, 3)
TCC11
TCC10
TCC13
RW
b3 b2
b7 b6 b5 b4
b1
0 : No reload
1 : Set TC register to 0000h w hen compare 1
is matched.
When the TCC00 bit in the TCC0 register is set to 0 (count stops), rew rite the TCC13 bit.
TCC16
RW
TCC17
RW
When the same value from the INT3
_____
pin is sampled three times continuously, the input is determined.
Compare 1 output mode select
bits(3)
b7 b6
0 0 : CMP output remains unchanged even
w hen compare 1 is matched.
0 1 : CMP output is reversed w hen compare
1 signal is matched.
1 0 : CMP output is set to “L” w hen compare
1 signal is matched.
1 1 : CMP output is set to “H” w hen compare
1 signal is matched.
TCC15
RW
TCC14
RW
Compare 0 output mode select
bits(3)
b5 b4
0 0 : CMP output remains unchanged even
w hen compare 0 is matched.
0 1 : CMP output is reversed w hen compare
0 signal is matched.
1 0 : CMP output is set to “L” w hen compare
0 signal is matched.
1 1 : CMP output is set to “H” w hen compare
0 signal is matched.
RW
Compare 0/capture select bit
0 : Capture select (input capture mode)(2)
1 : Compare 0 output select
(output compare mode)
RW
RW
b1b0
0 0 : No filter
0 1 : Filter w ith f1 sampling
1 0 : Filter w ith f8 sampling
1 1 : Filter w ith f32 sampling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com