Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 142 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 142 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 138Page - Renesas Technology Corp R8C/18 Datasheet HTML 139Page - Renesas Technology Corp R8C/18 Datasheet HTML 140Page - Renesas Technology Corp R8C/18 Datasheet HTML 141Page - Renesas Technology Corp R8C/18 Datasheet HTML 142Page - Renesas Technology Corp R8C/18 Datasheet HTML 143Page - Renesas Technology Corp R8C/18 Datasheet HTML 144Page - Renesas Technology Corp R8C/18 Datasheet HTML 145Page - Renesas Technology Corp R8C/18 Datasheet HTML 146Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 257 page
background image
R8C/18 Group, R8C/19 Group
14. Timers
Rev.1.30
Apr 14, 2006
Page 127 of 233
REJ09B0222-0130
14.2.3
Programmable One-shot Generation Mode
In programmable one-shot generation mode, one-shot pulse is output from the TZOUT pin by a
program or an external trigger input (input to the INT0 pin) (refer to Table 14.9 Programmable One-
Shot Generation Mode Specifications). When a trigger is generated, the timer starts operating from
the point only once for a given period equal to the set value in the TZPR register. The TZSC register
is not used in this mode. Figure 14.19 shows Registers TZMR and PUM in Programmable One-Shot
Generation Mode. Figure 14.20 shows an Operating Example in Programmable One-Shot
Generation Mode.
NOTES:
1. Set the TZS bit in the TZMR register to 1 (count starts).
2. Set the TZS bit to 1 (count starts), the INT0EN bit in the INTEN register to 1 (enables INT0 input),
and the INOSTG bit in the PUM register to 1 (INT0 one-shot trigger enabled). A trigger which is input
during the count cannot be acknowledged, however an INT0 interrupt request is generated.
3. The set value is reflected at the following one-shot pulse after writing to the TZPR register.
Table 14.9
Programmable One-Shot Generation Mode Specifications
Item
Specification
Count sources
f1, f2, f8, Timer X underflow
Count operations
• Decrement the value set in the TZPR register
• When the timer underflows, it reloads the contents of the reload register before
the count completes and the TZOS bit is set to 0 (one-shot stops).
• When the count stops, the timer reloads the contents of the reload register
before it stops.
One-shot pulse
output time
(n+1)(m+1)/fi
fi: Count source frequency, n: value set in PREZ register, m: value set in TZPR
register
Count start conditions • Set the TZOS bit in the TZOC register to 1 (one-shot starts).(1)
• Input active trigger to the INT0 pin(2)
Count stop conditions • When reloading completes after the count value is set to 00h.
• When the TZS bit in the TZMR register is set to 0 (count stops).
• When the TZOS bit in the TZOC register is set to 0 (one-shot stops).
Interrupt request
generation timing
In half a cycle of the count source, after the timer underflows (at the same time as
the TZOUT output ends) [timer Z interrupt].
TZOUT pin function
Pulse output
(To use this pin as a programmable I/O port, select timer mode.)
INT0 pin function
• When the INOSTG bit in the PUM register is set to 0 (INT0 one-shot trigger
disabled): programmable I/O port or INT0 interrupt input
• When the INOSTG bit in the PUM register is set to 1 (INT0 one-shot trigger
enabled): external trigger (INT0 interrupt input)
Read from timer
The count value can be read out by reading registers TZPR and PREZ.
Write to timer
The value written to registers TZPR and PREZ is written to the reload register
only(3).
Select functions
• Output level latch select function
The TZOPL bit can select the output level of the one-shot pulse waveform.
•INT0 pin one-shot trigger control and polarity select functions
The INOSTG bit can select the trigger as active or inactive from the INT0 pin.
Also, the INOSEG bit can select the active trigger polarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com