Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 146 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 146 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 142Page - Renesas Technology Corp R8C/18 Datasheet HTML 143Page - Renesas Technology Corp R8C/18 Datasheet HTML 144Page - Renesas Technology Corp R8C/18 Datasheet HTML 145Page - Renesas Technology Corp R8C/18 Datasheet HTML 146Page - Renesas Technology Corp R8C/18 Datasheet HTML 147Page - Renesas Technology Corp R8C/18 Datasheet HTML 148Page - Renesas Technology Corp R8C/18 Datasheet HTML 149Page - Renesas Technology Corp R8C/18 Datasheet HTML 150Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 257 page
background image
R8C/18 Group, R8C/19 Group
14. Timers
Rev.1.30
Apr 14, 2006
Page 131 of 233
REJ09B0222-0130
NOTES:
1. The TZS bit in the TZMR register must be set to 1 (start counting).
2. The TZS bit must be set to 1 (start counting), the INT0EN bit in the INTEN register to 1 (enabling
INT0 input), and the INOSTG bit in the PUM register to 1 (enabling INT0 one-shot trigger). A trigger
which is input during the count cannot be acknowledged, however an INT0 interrupt request is
generated.
3. The set values are reflected at the following one-shot pulse after writing to the TZPR register.
Table 14.10
Programmable Wait One-Shot Generation Mode Specifications
Item
Specification
Count sources
f1, f2, f8, Timer X underflow
Count operations
• Decrement the value set in Timer Z primary
• When the count of TZPR register underflows, the timer reloads the
contents of the TZSC register before the count is continued.
• When the count of the TZSC register underflows, the timer reloads the
contents of the TZPR register before the count completes and the TZOS
bit is set to 0.
• When the count stops, the timer reloads the contents of the reload
register before it stops.
Wait time
(n+1)(m+1)/fi
fi: Count source frequency
n: Value set in PREZ register, m: value set in TZPR register
One-shot pulse output time
(n+1)(p+1)/fi
fi: Count source frequency
n: Value set in PREZ register, p: value set in TZSC register
Count start conditions
• Set the TZOS bit in the TZOC register to 1 (one-shot starts).(1)
• Input active trigger to the INT0 pin(2)
Count stop conditions
• When reloading completes after timer Z underflows during secondary
period.
• When the TZS bit in the TZMR register is set to 0 (count stops).
• When the TZOS bit in the TZOC register is set to 0 (one-shot stops).
Interrupt request generation
timing
In half a cycle of the count source after timer Z underflows during
secondary period (complete at the same time as waveform output from the
TZOUT pin) [timer Z interrupt].
TZOUT pin function
Pulse output
(To use this pin as a programmable I/O port, select timer mode.)
INT0 pin function
• When the INOSTG bit in the PUM register is set to 0 (INT0 one-shot
trigger disabled): programmable I/O port or INT0 interrupt input
• When the INOSTG bit in the PUM register is set to 1 (INT0 one-shot
trigger enabled): external trigger (INT0 interrupt input)
Read from timer
The count value can be read out by reading registers TZPR and PREZ.
Write to timer
The value written to registers TZPR and PREZ is written to the reload
register only(3).
Select functions
• Output level latch select function
The output level of the one-shot pulse waveform is selected by the
TZOPL bit.
•INT0 pin one-shot trigger control function and polarity select function
Trigger input from the INT0 pin can be set to active or inactive by the
INOSTG bit. Also, the active trigger's polarity can be selected by the
INOSEG bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com