Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 148 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 148 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 144Page - Renesas Technology Corp R8C/18 Datasheet HTML 145Page - Renesas Technology Corp R8C/18 Datasheet HTML 146Page - Renesas Technology Corp R8C/18 Datasheet HTML 147Page - Renesas Technology Corp R8C/18 Datasheet HTML 148Page - Renesas Technology Corp R8C/18 Datasheet HTML 149Page - Renesas Technology Corp R8C/18 Datasheet HTML 150Page - Renesas Technology Corp R8C/18 Datasheet HTML 151Page - Renesas Technology Corp R8C/18 Datasheet HTML 152Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 257 page
background image
R8C/18 Group, R8C/19 Group
14. Timers
Rev.1.30
Apr 14, 2006
Page 133 of 233
REJ09B0222-0130
Figure 14.22
Operating Example in Programmable Wait One-Shot Generation Mode
Count source
00h
01h
TZOPL bit in PUM
register
Contents of timer Z
TZOUT pin output
IR bit in TZIC
register
Set to 0 when interrupt request is
accepted, or set by program
The above applies under the following conditions.
PREZ = 01h, TZPR = 01h, TZSC = 02h
PUM register TZOPL bit = 0, INOSTG bit = 1 (INT0 one-shot trigger enabled)
INOSEG bit = 1 (rising edge trigger)
Prescaler Z underflow
signal
Timer Z secondary
reloads
02h
01h
00h
01h
Waveform output ends
INT0 pin input
Set to 0 by program
Wait starts
Waveform output starts
Count starts
Timer Z primary
reloads
TZS bit in TZMR
register
TZOS bit in TZOC
register
Set to 0 when
counting ends
Set to 1 by program
Set to 1 by program, or set to 1 by INT0 pin
input trigger
1
0
1
0
1
0
1
0
1
0
“H”
“L”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com