Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 150 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 150 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 146Page - Renesas Technology Corp R8C/18 Datasheet HTML 147Page - Renesas Technology Corp R8C/18 Datasheet HTML 148Page - Renesas Technology Corp R8C/18 Datasheet HTML 149Page - Renesas Technology Corp R8C/18 Datasheet HTML 150Page - Renesas Technology Corp R8C/18 Datasheet HTML 151Page - Renesas Technology Corp R8C/18 Datasheet HTML 152Page - Renesas Technology Corp R8C/18 Datasheet HTML 153Page - Renesas Technology Corp R8C/18 Datasheet HTML 154Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 257 page
background image
R8C/18 Group, R8C/19 Group
14. Timers
Rev.1.30
Apr 14, 2006
Page 135 of 233
REJ09B0222-0130
14.3
Timer C
Timer C is a 16-bit timer. Figure 14.23 shows a Block Diagram of Timer C. Figure 14.24 shows a Block
Diagram of CMP Waveform Generation Unit. Figure 14.25 shows a Block Diagram of CMP Waveform
Output Unit.
Timer C has two modes: input capture mode and output compare mode. Figures 14.26 to 14.29 show the
Timer C-associated registers.
Figure 14.23
Block Diagram of Timer C
= 01b
= 10b
f8
f1
= 11b
f32
TCC11 to TCC10
Digital
filter
TM0 register
INT3 interrupt
Other than
00b
= 00b
Edge
detection
TCC07 = 0
TCC07 = 1
fRING128
Lower 8 bits
Capture and compare 0 register
Higher 8 bits
Compare circuit 0
TC register
Lower 8 bits
Counter
Higher 8 bits
Compare circuit 1
TM1 register
Lower 8 bits
Compare register 1
Higher 8 bits
= 00b
= 01b
= 11b
f8
f1
= 10b
f32
TCC02 to TCC01
TYC00
fRING-fast
TCC12 = 1
TCC12 = 0
Transfer signal
Timer C interrupt
Compare 1 interrupt
Timer C counter reset signal
TCC01 to TCC02, TCC07: Bits in TCC0 register
TCC10 to TCC12: Bits in TCC1 register
INT3/TCIN
Compare 0 interrupt
Sampling
clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com