Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 149Page - Renesas Technology Corp R8C/18 Datasheet HTML 150Page - Renesas Technology Corp R8C/18 Datasheet HTML 151Page - Renesas Technology Corp R8C/18 Datasheet HTML 152Page - Renesas Technology Corp R8C/18 Datasheet HTML 153Page - Renesas Technology Corp R8C/18 Datasheet HTML 154Page - Renesas Technology Corp R8C/18 Datasheet HTML 155Page - Renesas Technology Corp R8C/18 Datasheet HTML 156Page - Renesas Technology Corp R8C/18 Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 257 page
background image
R8C/18 Group, R8C/19 Group
14. Timers
Rev.1.30
Apr 14, 2006
Page 138 of 233
REJ09B0222-0130
Figure 14.27
TCC0 Register
Timer C Control Register 0
Symbol
Address
After Reset
TCC0
009Ah
00h
Bit Symbol
Bit Name
Function
RW
INT3
_____
interrupt / capture polarity
select bits(1, 2)
INT3
_____
interrupt generation
0 : INT3
_____
interrupt is generated in
timing select bit(2, 3)
synchronization w ith timer C count source.
1 : INT3
_____
interrupt is generated w hen
INT3
_____
interrupt is input(4).
INT3
_____
interrupt / capture input
0 : INT3
_____
sw itch bit(1, 2)
1 : fRING128
NOTES:
1.
2.
3.
4. When using the INT3
_____
filter, the INT3
_____
interrupt is generated is synchronization w ith the clock for the digital filter.
RW
Change this bit w hen the TCC00 bit is set to 0 (count stops).
The IR bit in the INT3IC register may be set to 1 (requests interrupt) w hen the TCC03, TCC04, TCC06, or TCC07 bit is
rew ritten. Refer to 12.5.5 Changing Interrupt Sources.
RW
Reserved bit
—
(b5)
TCC07
When the TCC13 bit is set to 1 (output compare mode) and INT3
_____
interrupt is input, regardless of the setting
value of the TCC06 bit, an interrupt request is generated.
TCC00
RW
TCC01
RW
Timer C count start bit
0 : Stops counting.
1 : Starts counting.
Timer C count source select
bits(1)
b2 b1
0 0 : f1
0 1 : f8
1 0 : f32
1 1 : fRING-fast
TCC02
RW
b3 b2 b1 b0
0
b7 b6 b5 b4
b4 b3
0 0 : Rising edge
0 1 : Falling edge
1 0 : Both edges
1 1 : Do not set.
RW
TCC06
RW
TCC04
RW
TCC03
Set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com