Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 152 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 152 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 148Page - Renesas Technology Corp R8C/18 Datasheet HTML 149Page - Renesas Technology Corp R8C/18 Datasheet HTML 150Page - Renesas Technology Corp R8C/18 Datasheet HTML 151Page - Renesas Technology Corp R8C/18 Datasheet HTML 152Page - Renesas Technology Corp R8C/18 Datasheet HTML 153Page - Renesas Technology Corp R8C/18 Datasheet HTML 154Page - Renesas Technology Corp R8C/18 Datasheet HTML 155Page - Renesas Technology Corp R8C/18 Datasheet HTML 156Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 257 page
background image
R8C/18 Group, R8C/19 Group
14. Timers
Rev.1.30
Apr 14, 2006
Page 137 of 233
REJ09B0222-0130
Figure 14.26
Registers TC, TM0, and TM1
Timer C Register
Symbol
Address
After Reset
TC
0091h-0090h
0000h
RW
(b8)
b0
(b15)
b7
Function
Counts internal count source.
0000h can be read w hen the TCC00 bit is set to 0 (count stops).
Count value can be read w hen the TCC00 bit is set to 1 (count starts).
RO
b0
b7
Compare 1 Register
Symbol
Address
After Reset
TM1
009Fh-009Eh
FFFFh
Function
Setting Range
RW
Mode
Output compare mode
(b8)
b0
(b15)
b7
b0
b7
0000h to FFFFh
RW
Store the value compared w ith timer C
Capture and Compare 0 Register
Symbol
Address
After Reset
TM0
009Dh-009Ch
0000h(2)
RW
Function
Setting Range
RW
NOTES:
1.
2. When the TCC13 bit in the TCC1 register is set to 1, the value is set to FFFFh.
When setting a value in the TM0 register, set the TCC13 bit in the TCC1 register to 1 (compare 0 output selected).
When the TCC13 bit is set to 0 (capture selected), no value can be w ritten.
(b8)
b0
(b15)
b7
b0
Mode
b7
Input capture mode
RW
Function
When the active edge of the measured pulse is input, store
the value in the TC register
Mode
Output compare mode(1)
Store the value compared w ith timer C
0000h to FFFFh
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com