Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 157 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 157 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 153Page - Renesas Technology Corp R8C/18 Datasheet HTML 154Page - Renesas Technology Corp R8C/18 Datasheet HTML 155Page - Renesas Technology Corp R8C/18 Datasheet HTML 156Page - Renesas Technology Corp R8C/18 Datasheet HTML 157Page - Renesas Technology Corp R8C/18 Datasheet HTML 158Page - Renesas Technology Corp R8C/18 Datasheet HTML 159Page - Renesas Technology Corp R8C/18 Datasheet HTML 160Page - Renesas Technology Corp R8C/18 Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 257 page
background image
R8C/18 Group, R8C/19 Group
14. Timers
Rev.1.30
Apr 14, 2006
Page 142 of 233
REJ09B0222-0130
Figure 14.30
Operating Example in Input Capture Mode
FFFFh
0000h
Count starts
Overflow
Period
TCC00 bit in
TCC0 register
1
0
Measured pulse
(TCIN pin input)
Transmit timing from
timer C counter to
TM0 register
IR bit in
INT3IC register
The above applies under the following conditions.
TCC0 register TCC04 to TCC03 bits = 01b (capture input polarity is set for falling edge).
TCC07 = 0 (INT3/TCIN input as capture input trigger)
←Measurement value1
←Measurement value 2
←
Set to 1 by program
Transmit
(measured
value 1)
The delay caused by digital filter and
one count source cycle delay (max.)
Measured
value 1
TM0 register
Measured value 2
Measured
value 3
Indeterminate
Set to 0 when interrupt request
is acknowledged, or set by
program
IR bit in
TCIC register
Set to 0 by
program
Set to 0 when interrupt request is acknowledged, or set by program
Transmit
(measured value 2)
Transmit
(measured value 3)
Indeterminate
1
0
1
0
1
0
Measurement
value 3
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com