| Electronic Components Datasheet Search |
|
R8C/18 Datasheet(PDF) 161 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/18 Datasheet(HTML) 161 Page - Renesas Technology Corp |
|
161 / 257 page ![]() R8C/18 Group, R8C/19 Group 15. Serial Interface Rev.1.30 Apr 14, 2006 Page 146 of 233 REJ09B0222-0130 15. Serial Interface The serial interface consists of two channels (UART0 and UART1). Each UARTi (i = 0 or 1) has an exclusive timer to generate the transfer clock and operates independently. Figure 15.1 shows a UARTi (i = 0 or 1) Block Diagram. Figure 15.2 shows a UARTi Transmit/Receive Unit. UART0 has two modes: clock synchronous serial I/O mode and clock asynchronous serial I/O mode (UART mode). UART1 has only clock asynchronous serial I/O mode (UART mode). Figures 15.3 to 15.6 show the Registers Associated with UARTi. Figure 15.1 UARTi (i = 0 or 1) Block Diagram = 01b f8 f1 = 10b CLK1 to CLK0 = 00b RXD0 f32 1/16 1/16 1/2 1/(n0+1) UART reception UART transmission Clock synchronous type (when internal clock is selected) Clock synchronous type Reception control circuit Transmission control circuit CKDIR = 0 CKDIR = 1 Receive clock Transmit clock Transmit/ receive unit U0BRG register CKDIR = 0 Internal External CKDIR = 1 (UART0) TXD0 CLK polarity reversing circuit CLK0 Clock synchronous type Clock synchronous type (when external clock is selected) Clock synchronous type (when internal clock is selected) RXD1 1/16 1/(n1+1) UART reception UART transmission Receive clock Transmit clock Transmit/ receive unit U1BRG register (UART1) TXD1 = 00b = 01b f8 f1 = 10b CLK1 to CLK0 f32 1/16 Internal Reception control circuit Transmission control circuit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |