Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 163 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 163 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 159Page - Renesas Technology Corp R8C/18 Datasheet HTML 160Page - Renesas Technology Corp R8C/18 Datasheet HTML 161Page - Renesas Technology Corp R8C/18 Datasheet HTML 162Page - Renesas Technology Corp R8C/18 Datasheet HTML 163Page - Renesas Technology Corp R8C/18 Datasheet HTML 164Page - Renesas Technology Corp R8C/18 Datasheet HTML 165Page - Renesas Technology Corp R8C/18 Datasheet HTML 166Page - Renesas Technology Corp R8C/18 Datasheet HTML 167Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 257 page
background image
R8C/18 Group, R8C/19 Group
15. Serial Interface
Rev.1.30
Apr 14, 2006
Page 148 of 233
REJ09B0222-0130
Figure 15.3
Registers U0TB to U1TB, U0RB to U1RB, and U0BRG to U1BRG
UARTi Transmit Buffer Register (i = 0 or 1)
(1, 2)
Symbol
Address
After Reset
U0TB
00A3h-00A2h
Undefined
U1TB
00ABh-00AAh
Undefined
RW
NOTES:
1.
2.
Function
Transmit data
Nothing is assigned. If necessary, set to 0.
When read, the content is undefined.
—
(b15-b9)
—
(b8-b0)
When the transfer data length is 9 bits, w rite data to high byte first, then low byte.
Use the MOV instruction to w rite to this register.
WO
—
Bit Symbol
b0
b7
(b8)
b0
(b15)
b7
UARTi Receive Buffer Register (i = 0 or 1)
(1)
Symbol
Address
After Reset
U0RB
00A7h-00A6h
Undefined
U1RB
00AFh-00AEh
Undefined
RW
NOTES:
1.
2.
Nothing is assigned. If necessary, set to 0.
When read, the content is undefined.
—
(b11-b9)
—
—
(b7-b0)
—
—
(b8)
—
Function
Receive data (D7 to D0)
RO
Receive data (D8)
RO
b0
b7
(b15)
b7
(b8)
b0
Bit Symbol
Bit Name
OER
Overrun error flag(2)
0 : No overrun error
1 : Overrun error
RO
RO
FER
Framing error flag(2)
0 : No framing error
1 : Framing error
RO
PER
Parity error flag(2)
0 : No parity error
1 : Parity error
Read out the UiRB register in 16-bit units.
Bits SUM, PER, FER, and OER are set to 0 (no error) w hen bits SMD2 to SMD0 in the UiMR register are set to 000b
(serial interface disabled) or the RE bit in the UiC1 register is set to 0 (receive disabled). The SUM bit is set to 0 (no
error) w hen bits PER, FER, and OER are set to 0 (no error). Bits PER and FER are set to 0 even w hen the higher byte
of the UiRB register is read out.
Also, bits PER and FER are set to 0 w hen reading the high-order byte of the UiRB register.
RO
SUM
Error sum flag(2)
0 : No error
1 : Error
UARTi Bit Rate Register (i = 0 or 1)
(1, 2, 3)
Symbol
Address
After Reset
U0BRG
00A1h
Undefined
U1BRG
00A9h
Undefined
Setting Range
RW
NOTES:
1.
2.
3. After setting the CLK0 to CLK1 bits of the UiC0 register, w rite to the UiBRG register.
Use the MOV instruction to w rite to this register.
WO
Write to this register w hile the serial I/O is neither transmitting nor receiving.
00h to FFh
Function
Assuming the set value is n, UiBRG divides the count source by n+1
b0
b7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com