Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 168 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 168 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 164Page - Renesas Technology Corp R8C/18 Datasheet HTML 165Page - Renesas Technology Corp R8C/18 Datasheet HTML 166Page - Renesas Technology Corp R8C/18 Datasheet HTML 167Page - Renesas Technology Corp R8C/18 Datasheet HTML 168Page - Renesas Technology Corp R8C/18 Datasheet HTML 169Page - Renesas Technology Corp R8C/18 Datasheet HTML 170Page - Renesas Technology Corp R8C/18 Datasheet HTML 171Page - Renesas Technology Corp R8C/18 Datasheet HTML 172Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 257 page
background image
R8C/18 Group, R8C/19 Group
15. Serial Interface
Rev.1.30
Apr 14, 2006
Page 153 of 233
REJ09B0222-0130
NOTE:
1. Set bits which are not in this table to 0 when writing to the above registers in clock synchronous
serial I/O mode.
Table 15.3 lists the I/O Pin Functions in Clock Synchronous Serial I/O Mode. The TXD0 pin outputs “H”
level between the operating mode selection of UART0 and transfer start. (If the NCH bit is set to 1
(N-channel open-drain output), this pin is in a high-impedance state.)
Table 15.2
Registers Used and Settings in Clock Synchronous Serial I/O Mode(1)
Register
Bit
Function
U0TB
0 to 7
Set data transmission.
U0RB
0 to 7
Data reception can be read.
OER
Overrun error flag
U0BRG
0 to 7
Set bit rate.
U0MR
SMD2 to SMD0
Set to 001b.
CKDIR
Select the internal clock or external clock.
U0C0
CLK1 to CLK0
Select the count source in the U0BRG register.
TXEPT
Transmit register empty flag
NCH
Select TXD0 pin output mode.
CKPOL
Select the transfer clock polarity.
UFORM
Select the LSB first or MSB first.
U0C1
TE
Set this bit to 1 to enable transmission/reception.
TI
Transmit buffer empty flag
RE
Set this bit to 1 to enable reception.
RI
Reception complete flag
UCON
U0IRS
Select the UART0 transmit interrupt source.
U0RRM
Set this bit to 1 to use continuous receive mode.
CNTRSEL
Set this bit to 1 to select P1_5/RXD0/CNTR01/INT11.
Table 15.3
I/O Pin Functions in Clock Synchronous Serial I/O Mode
Pin Name
Function
Selection Method
TXD0 (P1_4)
Output serial data
(Outputs dummy data when performing reception only.)
RXD0 (P1_5)
Input serial data
PD1_5 bit in PD1 register = 0
(P1_5 can be used as an input port when performing transmission
only.)
CLK0 (P1_6)
Output transfer clock
CKDIR bit in U0MR register = 0
Input transfer clock
CKDIR bit in U0MR register = 1
PD1_6 bit in PD1 register = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com