| Electronic Components Datasheet Search |
|
R8C/18 Datasheet(PDF) 170 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/18 Datasheet(HTML) 170 Page - Renesas Technology Corp |
|
170 / 257 page ![]() R8C/18 Group, R8C/19 Group 15. Serial Interface Rev.1.30 Apr 14, 2006 Page 155 of 233 REJ09B0222-0130 15.1.1 Polarity Select Function Figure 15.8 shows the Transfer Clock Polarity. Use the CKPOL bit in the U0C0 register to select the transfer clock polarity. Figure 15.8 Transfer Clock Polarity 15.1.2 LSB First/MSB First Select Function Figure 15.9 shows the Transfer Format. Use the UFORM bit in the U0C0 register to select the transfer format. Figure 15.9 Transfer Format CLK0(1) D0 TXD0 • When the CKPOL bit in the U0C0 register = 0 (output transmit data at the falling edge and input the receive data at the rising edge of the transfer clock) D1 D2 NOTES: 1. When not transferring, the CLK0 pin level is “H”. 2. When not transferring, the CLK0 pin level is “L”. D3 D4 D5 D6 D7 D0 RXD0 D1 D2 D3 D4 D5 D6 D7 CLK0(2) D0 TXD0 D1 D2 D3 D4 D5 D6 D7 D0 RXD0 D1 D2 D3 D4 D5 D6 D7 • When the CKPOL bit in the U0C0 register = 1 (output transmit data at the rising edge and input receive data at the falling edge of the transfer clock) CLK0 D0 TXD0 • When UFORM bit in U0C0 register = 0 (LSB first)(1) D1 D2 D3 D4 D5 D6 D7 D0 RXD0 D1 D2 D3 D4 D5 D6 D7 CLK0 D7 TXD0 D6 D5 D4 D3 D2 D1 D0 RXD0 • When UFORM bit in U0C0 register = 1 (MSB first)(1) NOTE: 1. The above applies when the CKPOL bit in the U0C0 register is set to 0 (output transmit data at the falling edge and input receive data at the rising edge of the transfer clock). D7 D6 D5 D4 D3 D2 D1 D0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |