| Electronic Components Datasheet Search |
|
R8C/18 Datasheet(PDF) 174 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/18 Datasheet(HTML) 174 Page - Renesas Technology Corp |
|
174 / 257 page ![]() R8C/18 Group, R8C/19 Group 15. Serial Interface Rev.1.30 Apr 14, 2006 Page 159 of 233 REJ09B0222-0130 Figure 15.10 Transmit Timing in UART Mode Transfer clock D0 TE bit in UiC1 register TXDi Set to 0 when interrupt request is acknowledged, or set by a program • Transmit timing when transfer data is 8 bits long (parity enabled, 1 stop bit) Write data to UiTB register TC D1 D2 D3 D4 D5 D6 D7 P SP TC = 16 (n + 1) / fj or 16 (n + 1) / fEXT fj: Frequency of UiBRG count source (f1, f8, f32) fEXT: Frequency of UiBRG count source (external clock) n: Value set in UiBRG register I = 0 or 1 The above timing diagram applies under the following conditions: • PRYE bit in UiMR register = 1 (parity enabled) • STPS bit in UiMR register = 0 (1 stop bit) • UiIRS bit in UCON register = 1 (an interrupt request is generated when transmit completes) ST D0 D1 D2 D3 D4 D5 D6 D7 P SP ST D0 D1 ST Start bit Parity bit Stop pulsing because the TE bit is set to 0 D0 TXDi Write data to UiTB register Transfer from UiTB register to UARTi transmit register TC D1 D2 D3 D4 D5 D6 D7 D8 SP SP ST D0 D1 D2 D3 D4 D5 D6 D7 D8 SP SP ST D0 D1 ST TI bit in UiC1 register 1 0 1 0 1 0 1 0 TXEPT bit in UiC0 register IR bit in SiTIC register Stop bit • Transmit timing when transfer data is 9 bits long (parity disabled, 2 stop bits) 1 0 Stop bit Stop bit Start bit Transfer clock TE bit in UiC1 register TI bit in UiC1 register TXEPT bit in UiC0 register IR bit in SiRIC register 1 0 1 0 1 0 Transfer from UiTB register to UARTi transmit register TC = 16 (n + 1) / fj or 16 (n + 1) / fEXT fj: Frequency of UiBRG count source (f1, f8, f32) fEXT: Frequency of UiBRG count source (external clock) n: Value set in UiBRG register i = 0 or 1 Set to 0 when interrupt request is acknowledged, or set by a program The above timing diagram applies under the following conditions: • PRYE bit in UiMR register = 0 (parity disabled) • STPS bit in UiMR register = 1 (2 stop bits) • UiIRS bit in UCON register = 0 (an interrupt request is generated when transmit buffer is empty) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |