Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 185 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 185 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 181Page - Renesas Technology Corp R8C/18 Datasheet HTML 182Page - Renesas Technology Corp R8C/18 Datasheet HTML 183Page - Renesas Technology Corp R8C/18 Datasheet HTML 184Page - Renesas Technology Corp R8C/18 Datasheet HTML 185Page - Renesas Technology Corp R8C/18 Datasheet HTML 186Page - Renesas Technology Corp R8C/18 Datasheet HTML 187Page - Renesas Technology Corp R8C/18 Datasheet HTML 188Page - Renesas Technology Corp R8C/18 Datasheet HTML 189Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 257 page
background image
R8C/18 Group, R8C/19 Group
16. Comparator
Rev.1.30
Apr 14, 2006
Page 170 of 233
REJ09B0222-0130
Figure 16.5
Registers ADCON0 and ADCON1 in Repeat Mode
A/D Control Register 0
(1)
Symbol
Address
After Reset
ADCON0
00D6h
00000XXXb
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
5.
When changing comparator conversion operating mode, set the analog input pin again.
Set the øAD frequency to 10 MHz or below .
CKS0
Frequency select bit 0
[When CKS1 in ADCON1 register = 0]
0 : Selects f4.
1 : Selects f2.
[When CKS1 in ADCON1 register = 1]
0 : Selects f1.(4)
1 : fRING-fast
RW
If the ADCON0 register is rew ritten during comparator conversion, the conversion result is undefined.
Bits CH0 to CH2 are enabled w hen the ADGSEL0 bit is set to 1. After setting the ADGSEL0 bit to 1, w rite to bits CH0
to CH2.
ADST
Comparator conversion
start flag
0 : Disables comparator conversion.
1 : Starts comparator conversion.
RW
CH1
RW
CH0
ADCAP
Comparator conversion
automatic start bit
0 : Starts at softw are trigger (ADST bit).
1 : Starts at capture (requests timer Z interrupt).
RW
ADGSEL0
RW
Analog input group select
bit(5)
0 : Disabled
1 : Enabled (AN8 to AN11)
RW
Analog input pin select
bits(2)
b2 b1 b0
1 0 0 : AN8
1 0 1 : AN9
1 1 0 : AN10
1 1 1 : AN11
Other than above : Do not set.
1 : Repeat mode
RW
RW
Comparator conversion
operating mode select bit(3)
b1
1
b7 b6 b5 b4
MD
CH2
To use the comparator, set the ADGSEL0 bit to 1.
b0
1
1
b3 b2
A/D Control Register 1
(1)
Symbol
Address
After Reset
ADCON1
00D7h
00h
Bit Symbol
Bit Name
Function
RW
NOTE:
1.
b3 b2 b1 b0
0
00
Refer to the description of the CKS0 bit in the
ADCON0 register function.
—
(b3-b0)
0
Reserved bits
Set to 0.
b7 b6 b5 b4
000
RW
Set to 0.
Frequency select bit 1
If the ADCON1 register is rew ritten during comparator conversion, the conversion result is undefined.
CKS1
RW
RW
—
(b7-b5)
Reserved bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com