| Electronic Components Datasheet Search |
|
R8C/18 Datasheet(PDF) 187 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/18 Datasheet(HTML) 187 Page - Renesas Technology Corp |
|
187 / 257 page ![]() R8C/18 Group, R8C/19 Group 17. Flash Memory Version Rev.1.30 Apr 14, 2006 Page 172 of 233 REJ09B0222-0130 17. Flash Memory Version 17.1 Overview In the flash memory version, rewrite operations to the flash memory can be performed in three modes ; CPU rewrite, standard serial I/O, and parallel I/O. Table 17.1 lists the Flash Memory Version Performance (refer to Table 1.1 Functions and Specifications for R8C/18 Group and Table 1.2 Functions and Specifications for R8C/19 Group for items not listed in Table 17.1). NOTES: 1. Definition of programming and erasure endurance The programming and erasure endurance is defined on a per-block basis. If the programming and erasure endurance is n (n = 100 or 10,000), each block can be erased n times. For example, if 1,024 1-byte writes are performed to block A, a 1-Kbyte block, and then the block is erased, the erase count stands at one. When performing 100 or more rewrites, the actual erase count can be reduced by executing programming operations in such a way that all blank areas are used before performing an erase operation. Avoid rewriting only particular blocks and try to average out the programming and erasure endurance of the blocks. It is also advisable to retain data on the erase count of each block and limit the number of erase operations to a certain number. 2. Blocks A and B are implemented only in the R8C/19 Group. Table 17.1 Flash Memory Version Performance Item Specification Flash memory operating mode 3 modes (CPU rewrite, standard serial I/O, and parallel I/O mode) Division of erase block Refer to Figure 17.1 and Figure 17.2 Programming method Byte unit Erase method Block erase Programming and erasure control method Program and erase control by software command Rewrite control method Rewrite control for blocks 0 and 1 by FMR02 bit in FMR0 register. Rewrite control for block 0 by FMR15 bit and block 1 by FMR16 bit in FMR1 register. Number of commands 5 commands Programming and erasure endurance(1) Blocks 0 and 1 (program ROM) R8C/18 Group: 100 times; R8C/19 Group: 1,000 times Blocks A and B (data flash)(2) 10,000 times ID code check function Standard serial I/O mode supported ROM code protect Parallel I/O mode supported |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |