Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 221 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 221 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 217Page - Renesas Technology Corp R8C/18 Datasheet HTML 218Page - Renesas Technology Corp R8C/18 Datasheet HTML 219Page - Renesas Technology Corp R8C/18 Datasheet HTML 220Page - Renesas Technology Corp R8C/18 Datasheet HTML 221Page - Renesas Technology Corp R8C/18 Datasheet HTML 222Page - Renesas Technology Corp R8C/18 Datasheet HTML 223Page - Renesas Technology Corp R8C/18 Datasheet HTML 224Page - Renesas Technology Corp R8C/18 Datasheet HTML 225Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 257 page
background image
R8C/18 Group, R8C/19 Group
18. Electrical Characteristics
Rev.1.30
Apr 14, 2006
Page 206 of 233
REJ09B0222-0130
NOTES:
1.
The measurement condition is VCC = 2.7 V to 5.5 V and Topr = -40
°C to 85 °C.
2.
Necessary time until the voltage detection circuit operates when setting to 1 again after setting the VCA26 bit in the VCA2
register to 0.
3.
Ensure that Vdet2 > Vdet1.
NOTES:
1.
The measurement condition is VCC = 2.7 V to 5.5 V and Topr = -40
°C to 85 °C.
2.
Time until the voltage monitor 2 interrupt request is generated after the voltage passes Vdet1.
3.
Necessary time until the voltage detection circuit operates when setting to 1 again after setting the VCA27 bit in the VCA2
register to 0.
4.
Ensure that Vdet2 > Vdet1.
Table 18.6
Voltage Detection 1 Circuit Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vdet1
Voltage detection level(3)
2.70
2.85
3.00
V
−
Voltage detection circuit self power consumption
VCA26 = 1, VCC = 5.0 V
−
600
−
nA
td(E-A)
Waiting time until voltage detection circuit operation
starts(2)
−−
100
µs
Vccmin
MCU operating voltage minimum value
2.7
−−
V
Table 18.7
Voltage Detection 2 Circuit Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vdet2
Voltage detection level(4)
3.00
3.30
3.60
V
−
Voltage monitor 2 interrupt request generation time(2)
−
40
−µs
−
Voltage detection circuit self power consumption
VCA27 = 1, VCC = 5.0 V
−
600
−
nA
td(E-A)
Waiting time until voltage detection circuit operation
starts(3)
−−
100
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com