Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 220 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 220 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 216Page - Renesas Technology Corp R8C/18 Datasheet HTML 217Page - Renesas Technology Corp R8C/18 Datasheet HTML 218Page - Renesas Technology Corp R8C/18 Datasheet HTML 219Page - Renesas Technology Corp R8C/18 Datasheet HTML 220Page - Renesas Technology Corp R8C/18 Datasheet HTML 221Page - Renesas Technology Corp R8C/18 Datasheet HTML 222Page - Renesas Technology Corp R8C/18 Datasheet HTML 223Page - Renesas Technology Corp R8C/18 Datasheet HTML 224Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 257 page
background image
R8C/18 Group, R8C/19 Group
18. Electrical Characteristics
Rev.1.30
Apr 14, 2006
Page 205 of 233
REJ09B0222-0130
NOTES:
1.
VCC = 2.7 to 5.5 V at Topr = -20 to 85
°C / -40 to 85 °C, unless otherwise specified.
2.
Definition of programming/erasure endurance
The programming and erasure endurance is defined on a per-block basis.
If the programming and erasure endurance is n (n = 100 or 10,000), each block can be erased n times. For example, if 1,024
1-byte writes are performed to block A, a 1 Kbyte block, and then the block is erased, the programming/erasure endurance
still stands at one. However, the same address must not be programmed more than once per erase operation (overwriting
prohibited).
3.
Endurance to guarantee all electrical characteristics after program and erase. (1 to Min. value can be guaranteed).
4.
If emergency processing is required, a suspend request can be generated independent of this characteristic. In that case the
normal time delay to suspend can be applied to the request. However, we recommend that a suspend request with an interval
of less than 650
µs is only used once because, if the suspend state continues, erasure cannot operate and the incidence of
erasure error rises.
5.
In a system that executes multiple programming operations, the actual erasure count can be reduced by writing to sequential
addresses in turn so that as much of the block as possible is used up before performing an erase operation. For example,
when programming groups of 16 bytes, the effective number of rewrites can be minimized by programming up to 128 groups
before erasing them all in one operation. It is also advisable to retain data on the erase count of each block and limit the
number of erase operations to a certain number.
6.
If an error occurs during block erase, attempt to execute the clear status register command, then execute the block erase
command at least three times until the erase error does not occur.
7.
Customers desiring programming/erasure failure rate information should contact their Renesas technical support
representative.
8.
-40
°C for D version.
9.
The data hold time includes time that the power supply is off or the clock is not supplied.
Figure 18.2
Transition Time to Suspend
Table 18.5
Flash Memory (Data flash Block A, Block B) Electrical Characteristics
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
−
Program/erase endurance(2)
10,000(3)
−−
times
−
Byte program time
(Program/erase endurance
≤ 1,000 times)
−
50
400
µs
−
Byte program time
(Program/erase endurance
> 1,000 times)
−
65
−µs
−
Block erase time
(Program/erase endurance
≤ 1,000 times)
−
0.2
9
s
−
Block erase time
(Program/erase endurance
> 1,000 times)
−
0.3
−
s
td(SR-SUS)
Time delay from suspend request until
suspend
−−
97+CPU clock
× 6 cycles
µs
−
Interval from erase start/restart until
following suspend request
650
−−
µs
−
Interval from program start/restart until
following suspend request
0
−−
ns
−
Time from suspend until program/erase
restart
−−
3+CPU clock
× 4 cycles
µs
−
Program, erase voltage
2.7
−
5.5
V
−
Read voltage
2.7
−
5.5
V
−
Program, erase temperature
-20(8)
−
85
°C
−
Data hold time(9)
Ambient temperature = 55
°C20
−−
year
FMR46
Suspend request
(Maskable interrupt request)
Fixed time (97
µs)
td(SR-SUS)
Clock-dependent
time
Access restart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com