Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 216 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 216 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 212Page - Renesas Technology Corp R8C/18 Datasheet HTML 213Page - Renesas Technology Corp R8C/18 Datasheet HTML 214Page - Renesas Technology Corp R8C/18 Datasheet HTML 215Page - Renesas Technology Corp R8C/18 Datasheet HTML 216Page - Renesas Technology Corp R8C/18 Datasheet HTML 217Page - Renesas Technology Corp R8C/18 Datasheet HTML 218Page - Renesas Technology Corp R8C/18 Datasheet HTML 219Page - Renesas Technology Corp R8C/18 Datasheet HTML 220Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 257 page
background image
R8C/18 Group, R8C/19 Group
17. Flash Memory Version
Rev.1.30
Apr 14, 2006
Page 201 of 233
REJ09B0222-0130
NOTES:
1. Do not use the address match interrupt while a command is executing because the vector of the
address match interrupt is allocated in ROM.
2. Do not use a non-maskable interrupt while block 0 is being automatically erased because the fixed
vector is allocated in block 0.
17.7.1.4
How to Access
Write 0 before writing 1 when setting the FMR01, FMR02, or FMR11 bit to 1. Do not generate an
interrupt between writing 0 and 1.
17.7.1.5
Rewriting User ROM Area
In EW0 Mode, if the supply voltage drops while rewriting any block in which a rewrite control program
is stored, it may not be possible to rewrite the flash memory because the rewrite control program
cannot be rewritten correctly. In this case, use standard serial I/O mode.
17.7.1.6
Program
Do not write additions to the already programmed address.
17.7.1.7
Entering Stop Mode or Wait Mode
Do not enter stop mode or wait mode during erase-suspend.
Table 17.10
EW1 Mode Interrupts
Mode
Status
When Maskable Interrupt Request is
Acknowledged
When Watchdog Timer, Oscillation
Stop Detection and Voltage Monitor 2
Interrupt Request are Acknowledged
EW1 During
auto-erasure
(erase- suspend
function enabled)
Auto-erasure is suspended after
td(SR-ES) and interrupt handing is
executed. Auto-erasure can be
restarted by setting the FMR41 bit in
the FMR4 register to 0 (erase restart)
after interrupt handing completes.
Once an interrupt request is
acknowledged, auto-programming or
auto-erasure is forcibly stopped
immediately and the flash memory is
reset. Interrupt handing starts after the
fixed period and the flash memory
restarts. Since the block during
auto-erasure or the address during
auto-programming is forcibly stopped,
the normal value may not be read.
Execute auto-erasure again and
ensure it completes normally.
Since the watchdog timer does not
stop during the command operation,
interrupt requests may be generated.
Reset the watchdog timer regularly
using the erase-suspend function.
During
auto-erasure
(erase- suspend
function disabled)
Auto-erasure has priority and the
interrupt request acknowledgement
is put on standby. Interrupt handing
is executed after auto-erasure
completes.
During
auto-programming
(program suspend
function enabled)
Auto-programming is suspended
after td(SR-SUS) and interrupt
handing is executed.
Auto-programming can be restarted
by setting the FMR42 bit in the FMR4
register to 0 (program restart) after
interrupt handing completes.
During
auto-programming
(program suspend
function disabled)
Auto-programming has priority and
the interrupt request
acknowledgement is put on standby.
Interrupt handing is executed after
auto-programming completes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com