Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 213 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 213 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 209Page - Renesas Technology Corp R8C/18 Datasheet HTML 210Page - Renesas Technology Corp R8C/18 Datasheet HTML 211Page - Renesas Technology Corp R8C/18 Datasheet HTML 212Page - Renesas Technology Corp R8C/18 Datasheet HTML 213Page - Renesas Technology Corp R8C/18 Datasheet HTML 214Page - Renesas Technology Corp R8C/18 Datasheet HTML 215Page - Renesas Technology Corp R8C/18 Datasheet HTML 216Page - Renesas Technology Corp R8C/18 Datasheet HTML 217Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 257 page
background image
R8C/18 Group, R8C/19 Group
17. Flash Memory Version
Rev.1.30
Apr 14, 2006
Page 198 of 233
REJ09B0222-0130
17.5.1.1
Example of Circuit Application in the Standard Serial I/O Mode
Figure 17.17 shows an example of Pin Processing in Standard Serial I/O Mode 2, and Figure 17.18
shows Pin Processing in Standard Serial I/O Mode 3. Since the controlled pins vary depending on the
programmer, refer to the manual of your serial programmer for details.
Figure 17.17
Pin Processing in Standard Serial I/O Mode 2
Figure 17.18
Pin Processing in Standard Serial I/O Mode 3
(1) In this example, modes are switched between single-chip mode and standard
serial I/O mode by controlling the MODE input with a switch.
(2) Connecting an oscillator is necessary. Set the main clock frequency to
between 1 MHz and 20 MHz. Refer to Appendix 2.1 Connection Example
with M16C Flash Starter (M3A-0806).
MCU
TXD
RXD
Data output
Data input
MODE
(1) Controlled pins and external circuits vary depending on the programmer.
Refer to the programmer manual for details.
(2) In this example, modes are switched between single-chip mode and
standard serial I/O mode by connecting a programmer.
(3) When operating with the on-chip oscillator clock, it is not necessary to
connection oscillating circuit.
MCU
MODE
RESET
Userr reset signal
MODE
I/O
Reset input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com