Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 211 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 211 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 207Page - Renesas Technology Corp R8C/18 Datasheet HTML 208Page - Renesas Technology Corp R8C/18 Datasheet HTML 209Page - Renesas Technology Corp R8C/18 Datasheet HTML 210Page - Renesas Technology Corp R8C/18 Datasheet HTML 211Page - Renesas Technology Corp R8C/18 Datasheet HTML 212Page - Renesas Technology Corp R8C/18 Datasheet HTML 213Page - Renesas Technology Corp R8C/18 Datasheet HTML 214Page - Renesas Technology Corp R8C/18 Datasheet HTML 215Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 257 page
background image
R8C/18 Group, R8C/19 Group
17. Flash Memory Version
Rev.1.30
Apr 14, 2006
Page 196 of 233
REJ09B0222-0130
Table 17.8
Pin Functions (Flash Memory Standard Serial I/O Mode 3)
Pin
Name
I/O
Description
VCC,VSS
Power input
Apply the voltage guaranteed for programming and
erasure to the VCC pin and 0 V to the VSS pin.
RESET
Reset input
I
Reset input pin.
P4_6/XIN
P4_6 input/clock input
I
Connect a ceramic resonator or crystal oscillator
between pins XIN and XOUT when connecting external
oscillator. Apply “H” and “L” or leave the pin open when
using as input port
P4_7/XOUT
P4_7 input/clock output
I/O
AVCC, AVSS
Analog power supply input I
Connect AVSS to VSS and AVCC to VCC, respectively.
P1_0 to P1_7
Input port P1
I
Input “H” or “L” level signal or leave the pin open.
P3_3 to P3_5,
P3_7
Input port P3
I
Input “H” or “L” level signal or leave the pin open.
P4_2/VREF,
P4_5
Input port P4
I
Input “H” or “L” level signal or leave the pin open.
MODE
MODE
I/O Serial data I/O pin. Connect to flash programmer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com