Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 207 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 207 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 203Page - Renesas Technology Corp R8C/18 Datasheet HTML 204Page - Renesas Technology Corp R8C/18 Datasheet HTML 205Page - Renesas Technology Corp R8C/18 Datasheet HTML 206Page - Renesas Technology Corp R8C/18 Datasheet HTML 207Page - Renesas Technology Corp R8C/18 Datasheet HTML 208Page - Renesas Technology Corp R8C/18 Datasheet HTML 209Page - Renesas Technology Corp R8C/18 Datasheet HTML 210Page - Renesas Technology Corp R8C/18 Datasheet HTML 211Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 257 page
background image
R8C/18 Group, R8C/19 Group
17. Flash Memory Version
Rev.1.30
Apr 14, 2006
Page 192 of 233
REJ09B0222-0130
17.4.4
Status Register
The status register indicates the operating status of the flash memory and whether an erase or
program operation has completed normally or in error. Status of the status register can be read by bits
FMR00, FMR06, and FMR07 in the FMR0 register.
Table 17.5 lists the Status Register Bits.
In EW0 mode, the status register can be read in the following cases:
• When a given address in the user ROM area is read after writing the read status register
command
• When a given address in the user ROM area is read after executing the program or block erase
command but before executing the read array command.
17.4.4.1
Sequencer Status (Bits SR7 and FMR00)
The sequencer status bits indicate the operating status of the flash memory. SR7 is set to 0 (busy)
during/auto-programming and auto-erasure, and is set to 1 (ready) at the same time the operation
completes.
17.4.4.2
Erase Status (Bits SR5 and FMR07)
Refer to 17.4.5 Full Status Check.
17.4.4.3
Program Status (Bits SR4 and FMR06)
Refer to 17.4.5 Full Status Check.
• D0 to D7: Indicate the data bus which is read when the read status register command is executed.
• Bits FMR07 (SR5) to FMR06 (SR4) are set to 0 by executing the clear status register command.
• When the FMR07 bit (SR5) or FMR06 bit (SR4) is set to 1, the program and block erase commands
cannot be accepted.
Table 17.5
Status Register Bits
Status Register Bit FMR0 Register Bit
Status Name
Description
Value after
Reset
01
SR0 (D0)
−
Reserved
−−
−
SR1 (D1)
−
Reserved
−−
−
SR2 (D2)
−
Reserved
−−
−
SR3 (D3)
−
Reserved
−−
−
SR4 (D4)
FMR06
Program status Completed
normally
Error
0
SR5 (D5)
FMR07
Erase status
Completed
normally
Error
0
SR6 (D6)
−
Reserved
−−
−
SR7 (D7)
FMR00
Sequencer
status
Busy
Ready
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com