Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 208 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 208 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 204Page - Renesas Technology Corp R8C/18 Datasheet HTML 205Page - Renesas Technology Corp R8C/18 Datasheet HTML 206Page - Renesas Technology Corp R8C/18 Datasheet HTML 207Page - Renesas Technology Corp R8C/18 Datasheet HTML 208Page - Renesas Technology Corp R8C/18 Datasheet HTML 209Page - Renesas Technology Corp R8C/18 Datasheet HTML 210Page - Renesas Technology Corp R8C/18 Datasheet HTML 211Page - Renesas Technology Corp R8C/18 Datasheet HTML 212Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 257 page
background image
R8C/18 Group, R8C/19 Group
17. Flash Memory Version
Rev.1.30
Apr 14, 2006
Page 193 of 233
REJ09B0222-0130
17.4.5
Full Status Check
When an error occurs, bits FMR06 to FMR07 in the FMR0 register are set to 1, indicating the
occurrence of an error. Therefore, checking these status bits (full status check) can be used to
determine the execution result.
Table 17.6 lists the Errors and FMR0 Register Status. Figure 17.15 shows the Full Status Check and
Handling Procedure for Individual Errors.
NOTE:
1. The MCU enters read array mode when FFh is written in the second bus cycle of these commands.
At the same time, the command code written in the first bus cycle is disabled.
Table 17.6
Errors and FMR0 Register Status
FRM00 Register (Status
Register) Status
Error
Error Occurrence Condition
FMR07(SR5) FMR06(SR4)
1
1
Command
sequence error
• When a command is not written correctly.
• When invalid data other than that which can be written
in the second bus cycle of the block erase command is
written (i.e., other than D0h or FFh)(1)
• When the program command or block erase command
is executed while rewriting is disabled using the FMR02
bit in the FMR0 register, or the FMR15 or FMR16 bit in
the FMR1 register.
• When an address not allocated in flash memory is input
during erase command input.
• When attempting to erase the block for which rewriting
is disabled during erase command input.
• When an address not allocated in flash memory is input
during write command input.
• When attempting to write the block for which rewriting
is disabled during write command input.
1
0
Erase error
• When the block erase command is executed but
auto-erasure does not complete correctly.
0
1
Program error
• When the program command is executed but
auto-programming does not complete correctly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com