Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 206 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 206 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 202Page - Renesas Technology Corp R8C/18 Datasheet HTML 203Page - Renesas Technology Corp R8C/18 Datasheet HTML 204Page - Renesas Technology Corp R8C/18 Datasheet HTML 205Page - Renesas Technology Corp R8C/18 Datasheet HTML 206Page - Renesas Technology Corp R8C/18 Datasheet HTML 207Page - Renesas Technology Corp R8C/18 Datasheet HTML 208Page - Renesas Technology Corp R8C/18 Datasheet HTML 209Page - Renesas Technology Corp R8C/18 Datasheet HTML 210Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 257 page
background image
R8C/18 Group, R8C/19 Group
17. Flash Memory Version
Rev.1.30
Apr 14, 2006
Page 191 of 233
REJ09B0222-0130
Figure 17.14
Block Erase Command (When Using Erase-Suspend Function)
Start
Write the command code 20h
Write D0h to any block
address
FMR00 = 1?
Full status check
Block erase completed
No
Yes
EW0 Mode
FMR40 = 1
Maskable interrupt(1, 2)
FMR46 = 1 ?
REIT
No
Yes
FMR41 = 1
FMR41 = 0
Access flash memory
Start
Write the command code 20h
Write D0h to any block address
FMR00 = 1 ?
Full status check
Block erase completed
No
Yes
EW1 Mode
FMR40 = 1
Maskable interrupt(2)
REIT
Access flash memory
FMR41 = 0
NOTES:
1. In EW0 mode, the interrupt vector table and interrupt routine for interrupts to be used should be allocated
to the RAM area.
2. td(SR-ES) is needed until the interrupt request is acknowledged after it is generated. The interrupt to enter
erase-suspend should be in interrupt enabled status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com