Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 252 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 252 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 248Page - Renesas Technology Corp R8C/18 Datasheet HTML 249Page - Renesas Technology Corp R8C/18 Datasheet HTML 250Page - Renesas Technology Corp R8C/18 Datasheet HTML 251Page - Renesas Technology Corp R8C/18 Datasheet HTML 252Page - Renesas Technology Corp R8C/18 Datasheet HTML 253Page - Renesas Technology Corp R8C/18 Datasheet HTML 254Page - Renesas Technology Corp R8C/18 Datasheet HTML 255Page - Renesas Technology Corp R8C/18 Datasheet HTML 256Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 257 page
background image
C - 4
REVISION HISTORY
R8C/18 Group, R8C/19 Group Hardware
1.20
Nov 01, 2005
18
Table 4.3 SFR Information(3);
0085h:
“Prescaler Z”
→ “Prescaler Z Register”
0086h:
“Timer Z Secondary”
→ “Timer Z Secondary Register”
0087h:
“Timer Z Primary”
→ “Timer Z Primary Register”
008Ch:
“Prescaler X”
→ “Prescaler X Register”
008Dh:
“Timer X”
→ “Timer X Register”
0090h, 0091h: “Timer C”
→ “Timer C Register” revised
36
Table 6.16 Port XIN/P4_6, XOUT/P4_7 Setting;
Setting value
CM1: “1”
→ “0”, CM0: “0” → “1”, Feedback resistance: “OFF” → “ON”,
37
Table 6.18 Unassigned Pin Handling, Figure 6.9 Unassigned Pin
Handling;
“Port P4_2, P4_6, P4_7”
→ “Port P4_6, P4_7”
“VREF”
→ “Port P4_2/VREF” revised
51
Table 9.2 Bus Cycles for Access Space of the R8C/1B (19) Group
added, Table 9.3 Access Unit and Bus Operation;
“SFR”
→ “SFR, Data flash”,
“ROM/RAM”
→ “ROM (Program ROM), RAM” revised
52
Table 10.1 Specification of Clock Generation Circuit;
Note 2: deleted
56
Figure 10.4 OCD Register;
Note 3: partly deleted
60
10.2.1 Low-speed On-Chip Oscillator Clock;
“The application products ... to accommodate the frequency range.”
→
“The application products ... for the frequency change.” revised
10.2.2 High-Speed On-Chip Oscillator Clock;
“The high-speed on-chip oscillator frequency ... for details.” added
62
Table 10.2 Setting and Mode of Clock Associated Bit;
Medium-speed Mode/devide-by-16: “00b””
→ “11b”
High-speed,... Mode/devide-by-2: “00b””
→ “01b”
CM13 added
67
10.5.1 How to Use Oscillation Stop Detection Function;
“This function cannot ... is 2 MHz or below.”
→
“This function cannot be ... is below 2 MHz.” revised
68
Figure 10.9 Procedure of Switching Clock Source From Low-Speed On-
Chip Oscillator to Main Clock revised
69
10.6.2 Oscillation Stop Detection Function;
“Since the oscillation ...frequency is 2MHz or below, ...”
→
“Since the oscillation ...frequency is below 2MHz, ...” revised
10.6.4 High-Speed On-Ship Oscillator Clock added.
70
Figure 11.1 PRCR Register;
After Reset: “XXXXX000b””
→ “00h” revised
84
Figure 12.11 INTEN and INT0F Registers;
After Reset: “XXXXX000b””
→ “00h” revised
Rev.
Date
Description
Page
Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com