Electronic Components Datasheet Search
  English  ▼

X  

R8C/18 Datasheet(PDF) 254 Page - Renesas Technology Corp

Part # R8C/18
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/18 Datasheet(HTML) 254 Page - Renesas Technology Corp

Back Button R8C/18 Datasheet HTML 249Page - Renesas Technology Corp R8C/18 Datasheet HTML 250Page - Renesas Technology Corp R8C/18 Datasheet HTML 251Page - Renesas Technology Corp R8C/18 Datasheet HTML 252Page - Renesas Technology Corp R8C/18 Datasheet HTML 253Page - Renesas Technology Corp R8C/18 Datasheet HTML 254Page - Renesas Technology Corp R8C/18 Datasheet HTML 255Page - Renesas Technology Corp R8C/18 Datasheet HTML 256Page - Renesas Technology Corp R8C/18 Datasheet HTML 257Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 254 / 257 page
background image
C - 6
REVISION HISTORY
R8C/18 Group, R8C/19 Group Hardware
1.20
Nov 01, 2005
207
Table 18.10 High-speed On-Chip Oscillator Circuit Electrical
Characteristics;
“High-Speed On-Chip Oscillator ...”
→
“High-Speed On-Chip Oscillator Frequency ...” revised
NOTE 2, 3 added
209
Table 18.13 Electrical Characteristics (2) [Vcc = 5V];
NOTE 1 deleted
212
Table 18.20 Electrical Characteristics (4) [Vcc = 3V];
NOTE 1 deleted
216
19.1.2 Oscillation Stop Detection Function;
“Since the oscillation ...frequency is 2MHz or below, ...”
→
“Since the oscillation ...frequency is below 2MHz, ...” revised
220
19.3.1 Precautions on Timer X;
“When writing “1” (count starts) to ... writing “1” to the TXS bit.”
→
‘ “0” (count stops) can be read ... after the TXS bit is set to “1”.’ revised
221
19.3.2 Precautions on Timer Z;
“When writing “1” (count starts) to ... writing “1” to the TZS bit.”
→
‘ “0” (count stops) can be read ... after the TZS bit is set to “1”.’ revised
225
Table 19.2 Interrupt in EW1 Mode;
During automatic programming (program suspend function enabled)
and During automatic programming (program suspend function
disabled) revised
227
20.Precautions on On-Chip Debugger; (1) added
1.30
Apr 14, 2006
−
Products of PWQN0028KA-B package included
1“or SDIP”
→ “SDIP or a 28-pin plastic molded-HWQFN”
2, 3
Table 1.1, Table 1.2;
Interrupts: Internal 8
→ 10 sources,
Package: “28-pin molded-plastic HWQFN” added
5, 6
Table 1.3, Table 1.4; Type No. added, deleted
9
Figure 1.6 added
12
Table 1.7 added
16, 17
Figure 3.1, Figure 3.2; Part Number added, deleted
26
5.2 “When a capacitor is connected to ... pin 0.8VCC or more.” added
35 to 38 Table 6.4, Table 6.5, Table 6.6, Table 6.12, Table 6.13, Table 6.14;
revised
54
Figure 10.1 revised
97
Figure 13.1 revised
98
Figure 13.2;
Option Function Select Register: NOTE 1 revised, NOTE 2 added
Watchdog Timer Control Register: NOTE 1 deleted
107
Table 14.3; NOTE 1 added
136
Figure 14.25 revised
143
Table 14.12; NOTE 1 revised
Rev.
Date
Description
Page
Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com