Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 354 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 354 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 350Page - Renesas Technology Corp HD6433635SW Datasheet HTML 351Page - Renesas Technology Corp HD6433635SW Datasheet HTML 352Page - Renesas Technology Corp HD6433635SW Datasheet HTML 353Page - Renesas Technology Corp HD6433635SW Datasheet HTML 354Page - Renesas Technology Corp HD6433635SW Datasheet HTML 355Page - Renesas Technology Corp HD6433635SW Datasheet HTML 356Page - Renesas Technology Corp HD6433635SW Datasheet HTML 357Page - Renesas Technology Corp HD6433635SW Datasheet HTML 358Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 418 page
background image
340
PMR2—Port mode register 2
H'99
I/O ports
Bit
Initial value
Read/Write
7
IRQ0
0
R/W
6
—
1
—
5
POF1
0
R/W
4
NCS
0
R/W
3
SO1
0
R/W
0
IRQ4
0
R/W
2
SI1
0
R/W
1
SCK1
0
R/W
P2 /SCK pin function switch
0
Functions as P2 I/O pin
1
Functions as SCK I/O pin
P2 /SI pin function switch
0
Functions as P2 I/O pin
1
Functions as SI input pin
TMIG noise canceller select
0
Noise canceller function not selected
1
Noise canceller function selected
P2 /SO pin PMOS control
P2 /IRQ /ADTRG pin function switch
1
0
CMOS output
1
NMOS open drain output
0
Functions as P2 I/O pin
1
Functions as IRQ /ADTRG input pin
1
2
3
0
1
0
1
4
4
1
P2 /SO pin function switch
1
0
Functions as P2 I/O pin
1
Functions as SO output pin
3
3
1
1
1
1
2
1
P2 /IRQ pin function switch
1
0
Functions as P2 input pin
1
Functions as IRQ input pin
7
7
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com