Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 357 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 357 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 353Page - Renesas Technology Corp HD6433635SW Datasheet HTML 354Page - Renesas Technology Corp HD6433635SW Datasheet HTML 355Page - Renesas Technology Corp HD6433635SW Datasheet HTML 356Page - Renesas Technology Corp HD6433635SW Datasheet HTML 357Page - Renesas Technology Corp HD6433635SW Datasheet HTML 358Page - Renesas Technology Corp HD6433635SW Datasheet HTML 359Page - Renesas Technology Corp HD6433635SW Datasheet HTML 360Page - Renesas Technology Corp HD6433635SW Datasheet HTML 361Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 418 page
background image
343
SCR1—Serial control register 1
H'A0
SCI1
Bit
Initial value
Read/Write
7
SNC1
0
R/W
6
SNC0
0
R/W
5
—
0
R/W
4
—
0
R/W
3
CKS3
0
R/W
0
CKS0
0
R/W
2
CKS2
0
R/W
1
CKS1
0
R/W
Operation mode select
Clock source select
0
Clock source is prescaler S, and pin SCK is output pin
1
Clock source is external clock, and pin SCK is input pin
0
8-bit synchronous mode
16-bit synchronous mode
0
1
1
Continuous clock output mode
Reserved
0
1
Clock select
Bit 2
CKS2 CKS1 CKS0
Bit 1
Bit 0
0
ø/1024
ø/256
1
1
0
ø/64
ø/32
1
ø/16
100
1
ø/8
00
ø/4
10
1
ø/2
ø = 5 MHz
204.8
µs
51.2
µs
12.8
µs
6.4
µs
3.2
µs
1.6
µs
0.8
µs
—
ø = 2.5 MHz
409.6
µs
102.4
µs
25.6
µs
12.8
µs
6.4
µs
3.2
µs
1.6
µs
0.8
µs
Synchronous
Transfer Clock Cycle
1
1
Prescaler
Division



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com